Electronic Components Datasheet Search
  English  ▼

X  

ADS830E Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS830E
Description  8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS830E Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS830E Datasheet HTML 7Page - Texas Instruments ADS830E Datasheet HTML 8Page - Texas Instruments ADS830E Datasheet HTML 9Page - Texas Instruments ADS830E Datasheet HTML 10Page - Texas Instruments ADS830E Datasheet HTML 11Page - Texas Instruments ADS830E Datasheet HTML 12Page - Texas Instruments ADS830E Datasheet HTML 13Page - Texas Instruments ADS830E Datasheet HTML 14Page - Texas Instruments ADS830E Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ADS830
11
SBAS086A
lower CMV as it increases the signal headroom of the
driving amplifier. The internal reference ladder has a nomi-
nal impedance of 800
Ω. Depending on the selected refer-
ence voltages, the required drive current will vary accord-
ingly and the external reference circuitry should be designed
to supply the maximum required current.
DIGITAL INPUTS AND OUTPUTS
Clock Input Requirements
Clock jitter is critical to the SNR performance of high speed,
high resolution Analog to Digital Converters. It leads to
aperture jitter (tA) which adds noise to the signal being
converted. The ADS830 samples the input signal on the
rising edge of the CLK input. Therefore, this edge should
have the lowest possible jitter. The jitter noise contribution
to total SNR is given by the following equation. If this value
is near your system requirements, input clock jitter must be
reduced.
Where: ƒIN is Input Signal Frequency
tA is rms Clock Jitter
Particularly in udersampling applications, special consider-
ation should be given to clock jitter. The clock input should
be treated as an analog input in order to achieve the highest
level of performance. Any overshoot or undershoot of the
clock signal may cause degradation of the performance.
When digitizing at high sampling rates, the clock should
have a 50% duty cycle (tH = tL), along with fast rise and fall
times of 2ns or less.
Digital Outputs
The output data format of the ADS830 is in positive Straight
Offset Binary code, see Table I. This format can easily
converted into the Two’s Binary Complement code by
inverting the MSB.
Digital Output Driver (VDRV)
The ADS830 features a dedicated supply pin for the output
logic drivers, VDRV, which is not internally connected to
the other supply pins. Setting the voltage at VDRV to +5V
or +3V, the ADS830 produces corresponding logic levels
and can directly interface to the selected logic family. The
output stages are designed to supply sufficient current to
drive a variety of logic families. However, it is recom-
mended to use the ADS830 with +3V logic supply. This will
lower the power dissipation in the output stages due to the
lower output swing and reduce current glitches on the supply
line which may affect the ac performance of the converter.
In some applications, it might be advantageous to decouple
the VDRV pin with additional capacitors or a pi-filter.
GROUNDING AND DECOUPLING
Proper grounding and bypassing, short lead length, and the
use of ground planes are particularly important for high
frequency designs. Multilayer PC boards are recommended
for best performance since they offer distinct advantages
like minimizing ground impedance, separation of signal
layers by ground layers, etc. The ADS830 should be treated
as an analog component. Whenever possible, the supply pins
should be powered by the analog supply. This will ensure
the most consistent results, since digital supply lines often
carry high levels of noise which otherwise would be coupled
into the converter and degrade the achievable performance.
All ground connections on the ADS830 are internally joined
together, obviating the design of split ground planes. The
ground pins (1, 18) should directly connect to an analog
ground plane which covers the PC board area around the
converter. While designing the layout, it is important to keep
the analog signal traces separated from any digital lines to
prevent noise coupling onto the analog signal path. Because
of its high sampling rate, the ADS830 generates high fre-
quency current transients and noise (clock feedthrough) that
are fed back into the supply and reference lines. This
requires that all supply and reference pins are sufficiently
bypassed. Figure 9 shows the recommended decoupling
scheme for the ADS830. In most cases 0.1
µF ceramic chip
capacitors at each pin are adequate to keep the impedance
low over a wide frequency range. Their effectiveness largely
depends on the proximity to the individual supply pin.
Therefore, they should be located as close to the supply pins
as possible. In addition, a larger bipolar capacitor (1
µF to
22
µF) should be placed on the PC board in proximity of the
converter circuit.
It is recommended to keep the capacitive loading on the data
lines as low as possible (
≤ 15pF). Higher capacitive loading
will cause larger dynamic currents as the digital outputs are
changing. Those high current surges can feed back to the
analog portion of the ADS830 and affect the performance. If
necessary, external buffers or latches close to the converter’s
output pins may be used to minimize the capacitive loading.
They also provide the added benefit of isolating the ADS830
from any digital noise activities on the bus coupling back
high frequency noise.
FIGURE 9. Recommended Bypassing for the Supply Pins.
1
GND
ADS830
+
0.1µF
+V
S
19
18
GND
10µF
+5V
VDRV
20
0.1µF
+3/+5V
Jitter SNR
t
rms signal to rms noise
IN A
=
ƒ
20
1
2
log π
+FS (IN = +3.5V)
1111 1111
+1/2 FS
1100 0000
+1LSB
1000 0001
Bipolar Zero (IN = 2.5V)
1000 0000
–1LSB
0111 1111
–1/2 FS
0100 0000
–FS (IN = +1.5V)
0000 0000
SINGLE-ENDED INPUT (2Vp-p)
STRAIGHT OFFSET BINARY
(IN = CMV)
(SOB)
TABLE I. Coding Table for the ADS830.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com