Electronic Components Datasheet Search
  English  ▼

X  

KULTD4 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KULTD4
Description  Knife Disconnect Terminal Block - Screw Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KULTD4 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KULTD4 Datasheet HTML 1Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 2Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 3Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 4Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 5Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Number of connections
2
Potentials
1
Nominal cross section
4 mm
2
Insulating Material
Polyamide 6 , 6
Clamping Material
CRCA
Flammability rating acc. to UL 94
V0/V2
Area of application
Rated surge voltage
8 kV
Degree of pollution
3
Overvoltage category
III
Maximum power dissipation for
nominal condition
1.28 W
Nominal Current I
N
20 A
Nominal Voltage U
N
800 V
Open side panel
Yes
Back of the hand protection
Guaranteed
Finger Protection
Guaranteed
Result Of Surge Voltage Test
Test passed
Surge Voltage Test Setpoint
9.8 kV
Result of power-frequency withstand
voltage test
Test passed
Power frequency withstand voltage
setpoint
2 kV
Result of the test for mechanical
stability of terminal points
Test passed
Result of bending test
Test passed
Bending test rotation speed
9
Bending test turns
135
Bending test conductor cross
section/weight
0.5 mm² / 0.3 kg , 4 mm² / 0.9 kg
Tensile test result
Test passed
Conductor cross section tensile test
0.5 mm
2
Tractive force setpoint
20 N
Conductor cross section tensile test
4 mm
2
Tractive force setpoint
60 N
Result of tight fit on support
Test passed
Tight fit on carrier
NS 32 / NS 35
Setpoint
1
Result of voltage-drop test
Test passed
Requirements, voltage drop
<=6.2 mV
Result of temperature-rise test
Test passed
Short circuit stability result
Test passed



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com