Electronic Components Datasheet Search
  English  ▼

X  

KULTD4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # KULTD4
Description  Knife Disconnect Terminal Block - Screw Connection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KULTD4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  KULTD4 Datasheet HTML 1Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 2Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 3Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 4Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 5Page - List of Unclassifed Manufacturers KULTD4 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Approval Details
UL Standard
UL 1059
B - UL Nominal Voltage U
N
600 V
B - UL Nominal Current I
N
15 A
B - UL Wire Min
24 AWG
B - UL Wire Max
10 AWG
CSA Standard
C22.2 No.158
B - CSA Nominal Voltage U
N
600 V
B - CSA Nominal Current I
N
15 A
B - CSA Wire Min
24 AWG
B - CSA Wire Max
10 AWG
Product Accessories
End Cover
KPSD4
Height
Width
Length
41.30 mm
1.50 mm
52.00 mm
1.63 inch
0.06 inch
2.05 inch
Marker For Terminal Blocks
LABEL KN5.5
Width
6.00 mm
0.24 inch
Marker carriers
GMH 10
Height
Width
Length
51.00 mm
10.00 mm
41.50 mm
2.01 inch
0.39 inch
1.63 inch
GMH 20
Height
Width
Length
51.00 mm
20.00 mm
41.50 mm
2.01 inch
0.79 inch
1.63 inch
Insertion Bridge
SLC4N
Pitch
6.00 mm
0.24 inch



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com