Electronic Components Datasheet Search
  English  ▼

X  

MB85R1001A Datasheet(PDF) 1 Page - RAMXEED LIMITED

Part # MB85R1001A
Description  1 M Bit (128 K x 8)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85R1001A Datasheet(HTML) 1 Page - RAMXEED LIMITED

  MB85R1001A Datasheet HTML 1Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 2Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 3Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 4Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 5Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 6Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 7Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 8Page - RAMXEED LIMITED MB85R1001A Datasheet HTML 9Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Copyright 2024 RAMXEED LIMITED
Fujitsu Semiconductor Memory Solutions Limited has changed its name to RAMXEED Limited.
RAMXEED Limited will continue to offer and support existing products while maintaining Fujitsu's
part number unchanged.
Memory FeRAM
1 M Bit (128 K  8)
MB85R1001A
DESCRIPTIONS
The MB85R1001A is an FeRAM (Ferroelectric Random Access Memory) chip consisting of 131,072
words  8 bits of nonvolatile memory cells fabricated using ferroelectric process and silicon gate CMOS
process technologies.
The MB85R1001A is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85R1001A can be used for 1010 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
The MB85R1001A uses a pseudo-SRAM interface.
FEATURES
• Bit configuration
: 131,072 words  8 bits
• Read/write endurance
: 1010 times / byte
• Data retention
: 10 years (  55 C), 55 years (  35 C)
• Operating power supply voltage
: 3.0 V to 3.6 V
• Low power operation
: Operating power supply current 10 mA (Typ)
Standby current 10 A (Typ)
• Operation ambient temperature range :  40 C to  85 C
• Package
: 48-pin plastic TSOP
RoHS compliant
DS501-00003-6v1-E


Similar Part No. - MB85R1001A

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (128 K x 8)
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (128 K 횞 8)
More results

Similar Description - MB85R1001A

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
logo
Hitachi Semiconductor
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
1 M SRAM (128-kword x 8-bit)
HM628128DI HITACHI-HM628128DI Datasheet
84Kb / 16P
1 M SRAM (128-kword X 8-bit)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
1 M SRAM (128-KWORD X 8 BIT)
HM538123B HITACHI-HM538123B Datasheet
369Kb / 46P
1 M VRAM (128-kword x 8-bit)
logo
fujitsu semiconductor
MB85R1001 FUJITSU-MB85R1001 Datasheet
136Kb / 12P
1 M Bit (128 K 횞 8)
MB85R1001 FUJITSU-MB85R1001_08 Datasheet
302Kb / 12P
1 M Bit (128 K 횞 8)
MB85R1001A FUJITSU-MB85R1001A Datasheet
206Kb / 16P
Memory FRAM CMOS 1 M Bit (128 K x 8)
MB85R1001ANC-GE1 FUJITSU-MB85R1001ANC-GE1 Datasheet
142Kb / 16P
1 M Bit (128 K 횞 8)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com