Electronic Components Datasheet Search
  English  ▼

X  

DRI0044 Datasheet(PDF) 1 Page - DFROBOT

Part # DRI0044
Description  2x1.2A DC Motor Driver (TB6612FNG)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0044 Datasheet(HTML) 1 Page - DFROBOT

  DRI0044 Datasheet HTML 1Page - DFROBOT DRI0044 Datasheet HTML 2Page - DFROBOT DRI0044 Datasheet HTML 3Page - DFROBOT DRI0044 Datasheet HTML 4Page - DFROBOT DRI0044 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2x1.2A DC Motor Driver (TB6612FNG)
SKU: DRI0044
Introduction
This DFRobot micro dual way DC motor driver is design based on TB6612FNG motor driver IC. It
inherits DFRobot L298N motor control logic, which only need four pins to drive 2 motors. Compared
with the IC Breakout, it saves two precious GPIO resource, especially in Arduino UNO board.
TB6612FNG is a dual-channel full-bridge drive chip. The maximum continuous drive current of single
channel can reach 1.2A, peak value 2A/3.2A (continuous pulse / single pulse) , which can drive
some micro DC motors. The control logic is similar to L298n, and the code can be directly
compatible with the DFROBOT L298N motor driver. Standard XH2.54 pin can be inserted directly
into the breadboard. It is a good choice for DIY project or product developments.
Specification
•
VCC Operating Voltage: 2.7V~5.5V
•
VM Input Power: 2.5V~12V
•
Output Current: 1.2A (single-channel continuous drive current)
•
Start / Peak Current: 2A (continuous pulse) / 3.2A (single pulse)
•
Dimension: 0.79 x 0.77(in) / 20 x 19.50(mm)


Similar Part No. - DRI0044

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DRI0041 DFROBOT-DRI0041 Datasheet
280Kb / 9P
7A Dual DC Motor Driver
6-7-17
DRI0042 DFROBOT-DRI0042 Datasheet
392Kb / 7P
15A Single DC Motor Driver
6-7-17
DRI0043 DFROBOT-DRI0043 Datasheet
434Kb / 2P
TB6600 Stepper Motor Driver
More results

Similar Description - DRI0044

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7247AP TOSHIBA-TA7247AP Datasheet
410Kb / 12P
DC MOTOR DRIVER
TA7259P TOSHIBA-TA7259P Datasheet
292Kb / 9P
DC MOTOR DRIVER IC
TA7736P TOSHIBA-TA7736P Datasheet
417Kb / 11P
DC MOTOR DRIVER IC
TA7745P TOSHIBA-TA7745P Datasheet
264Kb / 8P
DC MOTOR DRIVER
TA8083F TOSHIBA-TA8083F Datasheet
382Kb / 9P
DUAL DC MOTOR DRIVER
TA7248P TOSHIBA-TA7248P Datasheet
185Kb / 4P
DC MOTOR DRIVER
logo
Silan Microelectronics ...
SA1510 SILAN-SA1510 Datasheet
56Kb / 3P
DC MOTOR DRIVER
logo
SparkFun Electronics
ROB-09457 SPARKFUN-ROB-09457 Datasheet
105Kb / 1P
SparkFun Motor Driver - Dual TB6612FNG (1A)
10/8/2015
ROB-14450 SPARKFUN-ROB-14450 Datasheet
155Kb / 2P
SparkFun Motor Driver - Dual TB6612FNG (with Headers)
11??3??7
ROB-14451 SPARKFUN-ROB-14451 Datasheet
154Kb / 2P
SparkFun Motor Driver - Dual TB6612FNG (1A)
11??3??7
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com