Electronic Components Datasheet Search
  English  ▼

X  

DRI0044 Datasheet(PDF) 2 Page - DFROBOT

Part # DRI0044
Description  2x1.2A DC Motor Driver (TB6612FNG)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DRI0044 Datasheet(HTML) 2 Page - DFROBOT

  DRI0044 Datasheet HTML 1Page - DFROBOT DRI0044 Datasheet HTML 2Page - DFROBOT DRI0044 Datasheet HTML 3Page - DFROBOT DRI0044 Datasheet HTML 4Page - DFROBOT DRI0044 Datasheet HTML 5Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Board Overview
2x1.2A DC Motor Driver (TB6612FNG)
Label Number
Description
1
DIR1
M1 Direction Control
2
PWM1
M1 Speed control(PWM)
3
PWM2
M2 Speed control(PWM)
4
DIR2
M2 Direction Control
5
GND
Negative power supply
6
VCC
Power 3.3V-5V or IO port output high
7
M1+
A Output 1
8
M1-
A Output 2
9
M2+
B Output 1
10
M2-
B Output 2
11
GND
Negative power supply
12
VM(<12V)
Motor drive power 3.3V-12V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com