Electronic Components Datasheet Search
  English  ▼

X  

MBT0016 Datasheet(PDF) 1 Page - DFROBOT

Part # MBT0016
Description  Math & Automatic Touch Keyboard for micro:bit (V1.0)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

MBT0016 Datasheet(HTML) 1 Page - DFROBOT

  MBT0016 Datasheet HTML 1Page - DFROBOT MBT0016 Datasheet HTML 2Page - DFROBOT MBT0016 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
 
Math & Automatic Touch Keyboard for
micro:bit (V1.0)
SKU:MBT0016
This is a Math & Automatic expansion board for micro:bit. Easy to use, and suitable for a wide
range of applications. We designed this board for two sorts of application scenarios: math game
and automation control. The 16 programmable touch keys and RGB LEDs on the board offers
rich function and flexible input and output. Besides, the board has 1 vibration motor, 1 buzzer, 2
motor ports, 2 servo ports and 9 expansion ports, which lays a foundation for using in
automation controlling application.
FEATURES
Math Game:
1.Calculator
2.Quick Calculation
3.Math Reasoning Game
4.Lucky number
5.Twenty-One
6.Whack a Mole
7.The mystery of Dazzling Numbers


Similar Part No. - MBT0016

ManufacturerPart #DatasheetDescription
logo
DFROBOT
MBT0012 DFROBOT-MBT0012 Datasheet
2Mb / 43P
micro: IoT - micro:bit IoT Expansion Board
12-5-19
More results

Similar Description - MBT0016

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8087 INTEL-8087 Datasheet
1Mb / 22P
MATH COPROCESSOR
logo
Maxwell Technologies
80387DX MAXWELL-80387DX Datasheet
444Kb / 17P
Math Coprocessor
logo
List of Unclassifed Man...
SPI-4 ETC2-SPI-4 Datasheet
106Kb / 3P
Core w/ FIFOs V1.0 For Altera PLDs
logo
Advantech Co., Ltd.
ROM-DB5900 ADVANTECH-ROM-DB5900_15 Datasheet
595Kb / 2P
Development board for RISC SMARC v1.0 Module
logo
BOWIN ELECTRONIC CO.
LS6037 BOWIN-LS6037 Datasheet
21Kb / 1P
Math Watch
logo
Axiomtek Co., Ltd.
AX7042 AXIOMTEK-AX7042_16 Datasheet
156Kb / 1P
1U Keyboard Drawer with Touch Pad
logo
SparkFun Electronics
DEV-14208 SPARKFUN-DEV-14208 Datasheet
150Kb / 2P
micro:bit
4??6??7
KIT-15596 SPARKFUN-KIT-15596 Datasheet
98Kb / 2P
SparkFun gator:science Kit for micro:bit
10????9
KIT-16274 SPARKFUN-KIT-16274 Datasheet
197Kb / 2P
SparkFun micro:climate kit for micro:bit - v3.0
2??0??0
WIG-16300 SPARKFUN-WIG-16300 Datasheet
164Kb / 2P
Logitech K400 Plus Wireless Touch Keyboard
7????0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com