Electronic Components Datasheet Search
  English  ▼

X  

MBT0016 Datasheet(PDF) 2 Page - DFROBOT

Part # MBT0016
Description  Math & Automatic Touch Keyboard for micro:bit (V1.0)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

MBT0016 Datasheet(HTML) 2 Page - DFROBOT

  MBT0016 Datasheet HTML 1Page - DFROBOT MBT0016 Datasheet HTML 2Page - DFROBOT MBT0016 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
Automatic Control:
1.RGB Waterfall Light
2.Touch Music
3.Password Lock
4.Motor Control System
5.Touch Remote Wireless Handle
6. Countdown Timer
7. Natural wind Electric Fan
8. NFC Password Entrance Guard
9. 2. 4G Multiplex Communication System
SPECIFICATION
Power Input: 3.5~5.5V DC
Touch key*16
RGB LED *16
Buzzer *1
Buzzer Switch *1
Motor Port *2
Servo Port *2
IIC *2
UART *1
GPIO: P0, P1, P2, P8, P12, P16
Program Platform: Mind+、makecode
Size: 136mm×65mm/5.35×2.56"
SHIPPING LIST
[MBT0016] Math & Automatic for micro:bit (V1.0) x 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com