Electronic Components Datasheet Search
  English  ▼

X  

820 Datasheet(PDF) 1 Page - 3M Electronics

Part # 820
Description  3M™ Tripolarized Wiremount Socket .050″ × .100″ for .025″ Pitch Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

820 Datasheet(HTML) 1 Page - 3M Electronics

  820 Datasheet HTML 1Page - 3M Electronics 820 Datasheet HTML 2Page - 3M Electronics 820 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Tripolarized Wiremount Socket
.050
″ × .100″ for .025″ Pitch Cable
820 Series
Physical
Electrical
Environmental
* RoHS = Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment
"RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values
in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or prolybromianted diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing,
this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact Material: Copper Alloy
Plating:
Underplating: 100
µ″ [ 2.54 µm ] Nickel
U-Slot: Matte Tin (RoHS compliant) or tin-lead (see ordering information)
Wiping Area: 30
µ″ [ 0.76 µm ] Gold
Wire Accommodation: 30 AWG Solid, 30 AWG Pleated Foil, and 30 AWG Stranded
Marking:
3M Logo and Orientation Triangle
Current Rating:
0.5 A
Insulation Resistance: > 1
× 109Ω at 500 VDC
Withstanding Voltage:
500 Vrms at Sea Level
Temperature Rating:
-55
°C to +105°C
TS-0254-26
Sheet 1 of 2
• Tripolarization to mating socket
• 50 mil
× 100 mil halves the connector length
• Hill-n-dale design provides a high performance
IDC termination
• Insert-molded copper alloy contacts for
superior strength and reliability
• Metal cover latch and cable strain relief for long
term reliability
• Contacts: 20, 26, 36, 40, 50, 60, 68, 80 and 100
• RoHS* compliant version available (RB plating
suffix)
Date Modified: September 2, 2005
UL File No.: E68080


Similar Part No. - 820

ManufacturerPart #DatasheetDescription
logo
Littelfuse
820 LITTELFUSE-820 Datasheet
85Kb / 1P
Panel Mount, Shocksafe 5x20mm Fuses
logo
Productwell Precision E...
820 PRODUCTWELL-820 Datasheet
178Kb / 4P
SHIELDED SMT POWER INDUCTORS
logo
AiT Semiconductor Inc.
820 AITSEMI-820 Datasheet
817Kb / 4P
POWER INDUCTOR
820 AITSEMI-820 Datasheet
718Kb / 4P
WIRE WOUND SMD INDUCTOR
logo
WECO ELECTRICAL CONNECT...
820 WECO-820 Datasheet
163Kb / 1P
Screw/plug-in terminal strip Screw/screwless connection
01.18
More results

Similar Description - 820

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
3M Pak 100 Wiremount Socket
28-Jan-2005
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
3M D Ribbon Wiremount Socket
09-Mar-2005
89110-0001HA 3M-89110-0001HA Datasheet
412Kb / 3P
3M Pak 100 Preassembled Wiremount Socket
17-May-2004
355 3M-355 Datasheet
839Kb / 3P
3M™ Power Clamp Wiremount Socket
20-Dec-2009
5802 3M-5802 Datasheet
982Kb / 3P
.050 × .100 for .025 Pitch Cable
20-Apr-2011
3417-7040 3M-3417-7040 Datasheet
1Mb / 4P
3M™ Wiremount Socket .100” × .100” for .050” Pitch Cable (Optional Plastic or Metal Strain Relief)
12-Oct-2011
3448-3050 3M-3448-3050 Datasheet
392Kb / 4P
.100 x .100 Wiremount Socket
03-Apr-2013
3435-0 3M-3435-0 Datasheet
470Kb / 3P
3M™ Pak 100 Wiremount Socket
28-Jan-2005
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
3M Wiremount Socket
12-Oct-2011
P25LE-030S-DA 3M-P25LE-030S-DA Datasheet
830Kb / 3P
3M Pak 50 Low Profile Wiremount Socket
17-Feb-2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com