Electronic Components Datasheet Search
  English  ▼

X  

820 Datasheet(PDF) 2 Page - 3M Electronics

Part # 820
Description  3M™ Tripolarized Wiremount Socket .050″ × .100″ for .025″ Pitch Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

820 Datasheet(HTML) 2 Page - 3M Electronics

  820 Datasheet HTML 1Page - 3M Electronics 820 Datasheet HTML 2Page - 3M Electronics 820 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ Tripolarized Wiremount Socket
.050
″ × .100″ for .025″ Pitch Cable
820 Series
Contact
Quantity
Dimensions
A
B
020
.755
[ 19.18 ]
.670
[ 17.02 ]
026
.905
[ 22.99 ]
.820
[ 17.02 ]
036
1.155
[ 29.34 ]
1.070
[ 27.18 ]
040
1.255
[ 31.88 ]
1.170
[ 29.72 ]
050
1.505
[ 38.23 ]
1.420
[ 36.07 ]
060
1.755
[ 44.58 ]
1.670
[ 42.42 ]
068
1.955
[ 49.66 ]
1.870
[ 47.50 ]
080
2.255
[ 57.28 ]
2.170
[ 55.12 ]
100
2.755
[ 69.98 ]
2.670
[ 67.82 ]
TS-0254-26
Sheet 2 of 2
Ordering Information
Notes:
1. This polarization slot does not exist on the 20 position socket.
2. Recommended to be mated to the .050
″ × .100″ 81XXX series headers.
Socket
82XXX-600X-XX
Strain Relief:
0 = No Strain Relief
6 = With Strain Relief
Contact Quantity:
See Table
Application tools: 3640 press (or equivalent), 3443-113 locator plate, 3442-45 platen.
3858-XXX
Contact Quantity:
See Table
(If Ordered Separately)
Strain Relief
.0
.00
.000
inch
±.1
± .01 ± .005
[ ] D im ensio ns fo r R efere nce
Only
T olerance U nless N oted
[m m ]
In ch
.23
± .002
[ 5.8 ]
.30
± .002
[ 7.6 ]
.025 (2)
[ 0.64 ]
.24
[ 6.1 ]
.15
[ 3.8 ]
.56 Ref
[ 14.2 ]
(With Strain Relief)
.050
[ 1.27 ]
.025
[ 0.64 ]
.050
[ 1.27 ]
.025
[ 0.64 ]
A
.46 Ref
[ 11.87 ]
(Without Strain Relief)
.30
[ 7.6 ]
.100
[ 2.54 ]
B
Triangle Indicates
Position 1
Position 1
Position 2
See Note 1
.050 Ref
[ 1.2 ]
A
Assembled Height
.24
[ 6.1 ]
Plating options:
blank = tin-lead solder tails
RB = matte tin solder tails
(RoHS compliant)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com