Electronic Components Datasheet Search
  English  ▼

X  

ADS7041IDCUT Datasheet(PDF) 22 Page - Texas Instruments

Part # ADS7041IDCUT
Description  ADS7041 Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS7041IDCUT Datasheet(HTML) 22 Page - Texas Instruments

Back Button ADS7041IDCUT Datasheet HTML 18Page - Texas Instruments ADS7041IDCUT Datasheet HTML 19Page - Texas Instruments ADS7041IDCUT Datasheet HTML 20Page - Texas Instruments ADS7041IDCUT Datasheet HTML 21Page - Texas Instruments ADS7041IDCUT Datasheet HTML 22Page - Texas Instruments ADS7041IDCUT Datasheet HTML 23Page - Texas Instruments ADS7041IDCUT Datasheet HTML 24Page - Texas Instruments ADS7041IDCUT Datasheet HTML 25Page - Texas Instruments ADS7041IDCUT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
AVDD
AVDD
200
VIN+
OPA314
AINP
AINM
GND
AVDD
Device
Input Driver
Device: 10-Bit, 1-MSPS,
Single-Ended Input
+
1.5 nF
+
±
ADS7041
SBAS675C – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The two primary circuits required to maximize the performance of a high-precision, successive approximation
register (SAR), analog-to-digital converter (ADC) are the input driver and the reference driver circuits. This
section details some general principles for designing the input driver circuit, reference driver circuit, and provides
some application circuits designed for the ADS7041.
9.2 Typical Applications
9.2.1 Single-Supply DAQ with the ADS7041
Figure 39. DAQ Circuit: Single-Supply DAQ
9.2.1.1 Design Requirements
The goal of this application is to design a single-supply digital acquisition (DAQ) circuit based on the ADS7041
with SNR greater than 61 dB and THD less than –75 dB for input frequencies of 2.5 kHz at a throughput of
1 MSPS.
9.2.1.2 Detailed Design Procedure
The input driver circuit for a high-precision ADC mainly consists of two parts: a driving amplifier and an
antialiasing filter. Careful design of the front-end circuit is critical to meet the linearity and noise performance of a
high-precision ADC.
22
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com