Electronic Components Datasheet Search
  English  ▼

X  

AL1783Q Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1783Q
Description  55V THREE-CHANNEL PWM LINEAR LED DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1783Q Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1783Q Datasheet HTML 1Page - Diodes Incorporated AL1783Q Datasheet HTML 2Page - Diodes Incorporated AL1783Q Datasheet HTML 3Page - Diodes Incorporated AL1783Q Datasheet HTML 4Page - Diodes Incorporated AL1783Q Datasheet HTML 5Page - Diodes Incorporated AL1783Q Datasheet HTML 6Page - Diodes Incorporated AL1783Q Datasheet HTML 7Page - Diodes Incorporated AL1783Q Datasheet HTML 8Page - Diodes Incorporated AL1783Q Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AL1783Q
Document number: DS46208 Rev. 1 - 2
2 of 14
www.diodes.com
January 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AL1783Q
Typical Application Circuit
PWM1
PWM2
FAULTB
REF1
GND
LED1
LED2
3.3V
RFAULTB
RREF1
VIN
VIN up to 55V
MCU
AL1783Q
RREF2
REF2
PWM3
RREF3
REF3
LED3
CIN
R
G
B
R
G
B
Figure 1. Typical Application
Pin Descriptions
Pin Number
Pin Name
Function
VIN
1
Power Supply for Chip
NC
2
No Connection
PWM1
3
PWM Dimming Signal and Enable Input for 1st Channel of LED1, Internally Pulled Down 200k
Ω Typical.
PWM2
4
PWM Dimming Signal and Enable Input for 2nd Channel of LED2, Internally Pulled Down 200k
Ω Typical.
PWM3
5
PWM Dimming Signal and Enable Input for 3rd Channel of LED3, Internally Pulled Down 200k
Ω Typical.
GND
6
Ground
GND
7
Ground
GND
8
Ground
LED3
9
3rd Channel for LED String Cathode
LED2
10
2nd Channel for LED String Cathode
LED1
11
1st Channel for LED String Cathode
NC
12
No Connection
FAULTB
13
Fault Report. Open Drain Asserted Low to Report Faulty Conditions. Needs an External Pullup Resistor.
REF3
14
Reference Current Setting Through External Resistor (Rref3) for 3rd Channel
REF2
15
Reference Current Setting Through External Resistor (Rref2) for 2nd Channel
REF1
16
Reference Current Setting Through External Resistor (Rref1) for 1st Channel
—
Exposed PAD
Exposed pad must connect to GND. It should be externally connected to GND to reduce thermal
impedance. It should not be used as an electrical conduction path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com