Electronic Components Datasheet Search
  English  ▼

X  

MB85RC256V Datasheet(PDF) 12 Page - RAMXEED LIMITED

Part # MB85RC256V
Description  256 K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256V Datasheet(HTML) 12 Page - RAMXEED LIMITED

Back Button MB85RC256V Datasheet HTML 8Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 9Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 10Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 11Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 12Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 13Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 14Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 15Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 16Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
MB85RC256V
12
DS501-00017-11v2-E
ELECTRICAL CHARACTERISTICS
1. DC Characteristics
(within recommended operating conditions)
*1: Applicable pin: SCL,SDA
*2: Applicable pin: SDA
2. AC Characteristics
AC characteristics were measured under the following measurement conditions.
Power supply voltage
: 2.7 V to 5.5 V
Operation ambient temperature :  40 C to  85 C
Input voltage magnitude
: VDD  0.2 to VDD  0.8
Input rising time
: 5 ns,
Input judge level
: VDD/2
Input falling time
: 5 ns,
Output judge level
: VDD/2
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
Input leakage current*1
|ILI|
VIN  0 V to VDD
1
A
Output leakage current*2
|ILO|
VOUT  0 V to VDD
1
A
Operating power supply
current
IDD
SCL  400 kHz
75
130
A
SCL  1000 kHz
140
200
A
Standby current
ISB
SCL, SDA  VDD
A0,A1,A2,WP  0 V or
VDD or Open
Under Stop Condition
27
TA   25 C
56
TA   85 C
A
“H” level input voltage
VIH
VDD  2.7 V to 5.5 V
VDD  0.8
5.5
V
“L” level input voltage
VIL
VDD  2.7 V to 5.5 V
VSS
VDD  0.2
V
“L” level output voltage
VOL
IOL  3 mA
0.4
V
Input resistance for
WP, A0, A1, and A2 pins
RIN
VIN  VIL (Max)
50
k
VIN  VIH (Min)
1
M
Parameter
Symbol
Value
Unit
STANDARD
MODE
FAST MODE
FAST MODE
PLUS
Min
Max
Min
Max
Min
Max
SCL clock frequency
FSCL
0
100
0
400
0
1000
kHz
Clock high time
THIGH
4000
600
400
ns
Clock low time
TLOW
4700
1300
600
ns
SCL/SDA rising time
Tr
1000
300
300
ns
SCL/SDA falling time
Tf
300
300
100
ns
Start condition hold
THD:STA
4000
600
250
ns
Start condition setup
TSU:STA
4700
600
250
ns
SDA input hold
THD:DAT
0
0
0
ns
SDA input setup
TSU:DAT
250
100
100
ns
SDA output hold
TDH:DAT
0
0
0
ns
Stop condition setup
TSU:STO
4000
600
250
ns
SDA output access after SCL falling
TAA
3000
900
550
ns
Pre-charge time
TBUF
4700
1300
500
ns
Noise suppression time
(SCL and SDA)
TSP
50
50
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com