Electronic Components Datasheet Search
  English  ▼

X  

MB85RC256V Datasheet(PDF) 15 Page - RAMXEED LIMITED

Part # MB85RC256V
Description  256 K (32 K x 8) Bit I2C
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256V Datasheet(HTML) 15 Page - RAMXEED LIMITED

Back Button MB85RC256V Datasheet HTML 11Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 12Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 13Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 14Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 15Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 16Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 17Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 18Page - RAMXEED LIMITED MB85RC256V Datasheet HTML 19Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 39 page
background image
MB85RC256V
DS501-00017-11v2-E
15
NOTE ON USE
• We recommend programming of the device after reflow. Data written before reflow cannot be guaranteed.
• During the access period from the start condition to the stop condition, keep the level of WP, A0, A1, and
A2 pins to the “H” level or the “L” level.
ESD AND LATCH-UP
• C-V method of Latch-Up Resistance Test
Note : Charge voltage alternately switching 1 and 2 approximately 2 sec interval. This switching process is
considered as one cycle.
Repeat this process 5 times. However, if the latch-up condition occurs before completing 5times, this
test must be stopped immediately.
REFLOW CONDITIONS AND FLOOR LIFE
[ JEDEC MSL ] : Moisture Sensitivity Level 3 (IPC/JEDEC J-STD-020E)
CURRENT STATUS ON CONTAINED RESTRICTED SUBSTANCES
This product complies with the regulations of REACH Regulations, EU RoHS Directive and China RoHS.
Test
DUT
Value
ESD HBM (Human Body Model)
JESD22-A114 compliant
MB85RC256VPNF-G-JNE1
MB85RC256VPNF-G-JNERE1
MB85RC256VPNF-G-AME2
MB85RC256VPNF-G-AMERE2
MB85RC256VPF-G-BCE1
MB85RC256VPF-G-BCERE1
|2000 V|
ESD CDM (Charged Device Model)
JESD22-C101 compliant
Latch-Up (C-V Method)
Proprietary method
|200 V|
VDD
VSS
DUT
VIN
+
-
SW
1
2
C
200pF
V
A
Test
terminal
Protection Resistor
VDD
(Max.Rating)
Reference
terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com