Electronic Components Datasheet Search
  English  ▼

X  

MB85RC256VN Datasheet(PDF) 20 Page - RAMXEED LIMITED

Part # MB85RC256VN
Description  256 K (32 K x 8) Bit IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256VN Datasheet(HTML) 20 Page - RAMXEED LIMITED

Back Button MB85RC256VN Datasheet HTML 16Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 17Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 18Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 19Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 20Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 21Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 22Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 23Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 24Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
MB85RC256VN
20
DS501-00092-1v0-E
1.2 IC orientation
1.3 Reel dimensions
Dimensions in mm
Part number
A
B
C
W1
W2
MB85RC256VNPNF-G-AMERE2
254
100
13
13.5
17.5
Index mark
• example
(User Direction of Feed)
(Reel side)
(User Direction of Feed)
Reel cutout dimensions
W1
W2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com