Electronic Components Datasheet Search
  English  ▼

X  

MB85RC256VN Datasheet(PDF) 23 Page - RAMXEED LIMITED

Part # MB85RC256VN
Description  256 K (32 K x 8) Bit IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RC256VN Datasheet(HTML) 23 Page - RAMXEED LIMITED

Back Button MB85RC256VN Datasheet HTML 18Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 19Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 20Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 21Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 22Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 23Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 24Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 25Page - RAMXEED LIMITED MB85RC256VN Datasheet HTML 26Page - RAMXEED LIMITED  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
MB85RC256VN
DS501-00092-1v0-E
23
2. Tray(MB85RC256VNPNF-G-AME2)
2.1 Tray Storage Capacity
2.2 Tray Dimensions (JEDEC Standard)
Maximum storage capacity
ICs/tray
ICs/inner box
ICs/outer box
476
4,760
(Max:10 trays/inner box)
19,040
(Max: 4 inner boxes/outer box)
(Dimensions in mm)
Heat proof temperature :150 C Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com