Electronic Components Datasheet Search
  English  ▼

X  

GL900 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # GL900
Description  Manageable Gigabit Ethernet Switch 9 x 1000BASE-T (4 x PoE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

GL900 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  GL900 Datasheet HTML 1Page - Elma Electronic Ltd GL900 Datasheet HTML 2Page - Elma Electronic Ltd GL900 Datasheet HTML 3Page - Elma Electronic Ltd GL900 Datasheet HTML 4Page - Elma Electronic Ltd GL900 Datasheet HTML 5Page - Elma Electronic Ltd GL900 Datasheet HTML 6Page - Elma Electronic Ltd GL900 Datasheet HTML 7Page - Elma Electronic Ltd GL900 Datasheet HTML 8Page - Elma Electronic Ltd GL900 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Embedded Gold • GL900 • Industrial PoE+ Gigabit Ethernet Switch
Technical Features
General
<
1000BASE-T Ethernet switch, 9 + 1 ports
<
PCB assembly, intended for rugged industrial applications, ready-for-use (Embedded Gold)
<
9 x RJ45 Gigabit Ethernet front connectors
<
4 x 802.3at PoE+ (up to 30W/port)
<
PoE+ support up to 120W in total
<
1 x SFP 2500BASE-X rear connector
<
Self-managed operation, or ARM® V8 CPU management support
<
Protocol options e.g. AVB/TSN & VLAN
<
PCB Dimensions: 152mm (W) x 139mm (D) w/o connector overlap
<
Rear edge 4-pos. circular power adapter connector
<
Nominal 48VDC/54VDC power input operation
Front I/O
<
9 x RJ45 Ethernet front connectors in total
<
8 x AVB capable ports 1-8, 1 x non AVB capable port 0
<
4 x PoE+ enabled ports 5-8
<
1000BASE-T, 100BASE-TX, 10BASE-T compliant data transfer rate
Rear I/O
<
1 x SFP 2500BASE-X (switch board to switch board interconnection for doubling the port count)
<
1 x RJ45 Ethernet connector (CPU management console) 1000BASE-T, 100BASE-TX, 10BASE-T
<
1 x Power jack 4-pos. circular receptacle (aka Power-DIN connector)
Gigabit Ethernet Switch
<
Marvell® 88E6390 (Peridot) Gigabit Ethernet switch
<
Front ports GbE MAC/PHY 1000BASE-T
<
4 x RJ45 connectors PoE+ enabled
<
5 x RJ45 connectors w/o. PoE+
<
1 x SFP 2.5Gbps SerDes (two GL900 boards can be virtually combined into a single switch)
<
High performance, non-blocking, Gigabit Ethernet
<
Support for up to 16K MAC addresses, 10KByte Jumbo Frames
<
Supports 802.1 Audio Video Bridging (AVB) Gen 2*
<
Time Sensitive Networking (TSN) Standards*, IEEE 1588v2 one-step PTP
<
Synchronous Ethernet*
<
Quality of Service (QoS) support with 8 traffic classes
<
Supports 4096 802.1Q VLANs, three levels of 802.1Q security
<
Unmanaged solution or management *
* CPU Software stack required, for front ports 1-8 & SFP rear port
© EKF
-3-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com