Electronic Components Datasheet Search
  English  ▼

X  

GL900 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # GL900
Description  Manageable Gigabit Ethernet Switch 9 x 1000BASE-T (4 x PoE)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

GL900 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  GL900 Datasheet HTML 1Page - Elma Electronic Ltd GL900 Datasheet HTML 2Page - Elma Electronic Ltd GL900 Datasheet HTML 3Page - Elma Electronic Ltd GL900 Datasheet HTML 4Page - Elma Electronic Ltd GL900 Datasheet HTML 5Page - Elma Electronic Ltd GL900 Datasheet HTML 6Page - Elma Electronic Ltd GL900 Datasheet HTML 7Page - Elma Electronic Ltd GL900 Datasheet HTML 8Page - Elma Electronic Ltd GL900 Datasheet HTML 9Page - Elma Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Embedded Gold • GL900 • Industrial PoE+ Gigabit Ethernet Switch
Technical Features
CPU
<
Marvell® Armada® 88F3720 dual-core or 88F3710 single-core SoC
<
ARM® v8 Cortex-A53
<
Up to 1GHz for industrial temperature range
<
32 KB-instruction / data (4-way) set associative L1 cache with parity/ECC protection
<
Integrated power switches for dynamic shut down of CPU cores and unused functions
<
Optimal performance-per-Watt
<
High-performance security offload engine including IPSec, SSL, DTLS, and IKE
<
Hardware compliance with ARM Trustzone® architecture for DRM
<
FIPS-140 certified
<
DDR4 2400 1GB, high-speed DRAM memory controller
<
e•MMC 5.1 Flash 16GB (up to 64GB)
<
SPI Flash 64Mb
<
1 x 2.5 Gigabit Ethernet (SERDES) in use for switch host management
<
1 x 1 Gigabit Ethernet (RGMII) for rear panel I/O usage 1000BASE-T RJ45
Ecosystem
<
Complete SDK available including U-Boot, Mainline Linux BSP (Marvell NDA customers only)
<
Ubuntu 18.04 & Buildroot
<
OpenWrt, Yocto, Linaro Open Data Plane (ODP) - support on request
<
KVM and Containers - support on request
<
JTAG port (on-board pin header) suitable for deep hardware/software debugging
<
UART wired to USB via FT234XD for diagnosis and programming
<
USB UART drivers suite (FTDI website)
Software under Development
<
AVB/TSN Stack
<
IEEE 802.1Q-2011 - Qav (FQTSS) & Qat (SRP)
<
IEEE 802.1AS-2011 - Time Synchronization (PTPv2)
<
VLAN *
<
Dante™
<
AVNU® MILAN® Bridge Certified
<
Industrial and custom specific protocols on request
* The switch's software stack supports MMRP, MSRP, MVRP, but for compliance with the required behavior of AVNU, only MVRO
and MSRP are enabled in configuration. AVNU specification requires MMRP to be disabled.
Power over Ethernet
<
4 x RJ45 PoE+ enabled front ports
<
PSE PoE+ according to IEEE 802.at
<
Maximum power delivered per port 30W
<
Maximum power delivered in total 120W
<
PSE Type 2 mode A (power over RJ45 pins 1/2 & 3/6, 600mA)
© EKF
-4-
ekf.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com