Electronic Components Datasheet Search
  English  ▼

X  

BYT30PI-1000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BYT30PI-1000
Description  FAST RECOVERY RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT30PI-1000 Datasheet(HTML) 1 Page - STMicroelectronics

  BYT30PI-1000 Datasheet HTML 1Page - STMicroelectronics BYT30PI-1000 Datasheet HTML 2Page - STMicroelectronics BYT30PI-1000 Datasheet HTML 3Page - STMicroelectronics BYT30PI-1000 Datasheet HTML 4Page - STMicroelectronics BYT30PI-1000 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
BYT 30PI-1000
FAST RECOVERY RECTIFIER DIODE
VERY HIGH REVERSE VOLTAGE CAPABILITY
VERY LOW REVERSE RECOVERY TIME
VERY LOW SWITCHING LOSSES
LOW NOISE TURN-OFF SWITCHING
INSULATED: Capacitance 15pF
SUITABLE APPLICATIONS
FREE WHEELING DIODE IN CONVERTERS
AND MOTOR CONTROL CIRCUITS
RECTIFIER IN S.M.P.S.
October 1999 - Ed: 2A
1/5
Isolated
DOP3I
(Plastic)
Insulating voltage 2500 VRSM
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
1000
V
VRSM
Non Repetitive Peak Reverse Voltage
1000
V
IFRM
Repetive Peak Forward Current
tp
≤ 10µs
375
A
IF (RMS)
RMS Forward Current
70
A
IF(AV)
Average Forward Current
Tc =50
°C
δ = 0.5
30
A
IFSM
Surge non Repetitive Forward Current
tp = 10ms
Sinusoidal
200
A
P
Power Dissipation
Tc =50
°C60
W
Tstg
Tj
Storage and Junction Temperature Range
- 40 to +150
°C
ABSOLUTE MAXIMUM RATINGS (limiting values)
Symbol
Parameter
Value
Unit
Rth (j - c)
Junction-case
1.6
°C/W
THERMAL RESISTANCE
K
A


Similar Part No. - BYT30PI-1000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT30PI-1000 STMICROELECTRONICS-BYT30PI-1000 Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
More results

Similar Description - BYT30PI-1000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
Fast Recovery Rectifier Diode
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
FAST RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com