Electronic Components Datasheet Search
  English  ▼

X  

BYT30PI-1000 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BYT30PI-1000
Description  FAST RECOVERY RECTIFIER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT30PI-1000 Datasheet(HTML) 5 Page - STMicroelectronics

  BYT30PI-1000 Datasheet HTML 1Page - STMicroelectronics BYT30PI-1000 Datasheet HTML 2Page - STMicroelectronics BYT30PI-1000 Datasheet HTML 3Page - STMicroelectronics BYT30PI-1000 Datasheet HTML 4Page - STMicroelectronics BYT30PI-1000 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE MECHANICAL DATA : Isolated DOP3I Plastic
Cooling method: by conduction (method C)
Marking: type number
Weight: 18.84g
Recommended torque value: 250cm. N
Maximum torque value: 310cm. N
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
1.45
1.55
0.057
0.061
C
14.35
15.60
0.565
0.614
D
0.5
0.7
0.020
0.028
E
2.7
2.9
0.106
0.114
F
15.8
16.5
0.622
0.650
G
20.4
21.1
0.815
0.831
H
15.1
15.5
0.594
0.610
K
3.4
3.65
0.134
0.144
L
4.08
4.17
0.161
0.164
N
10.8
11.3
0.425
0.444
P
1.20
1.40
0.047
0.055
R
4.60 typ.
0.181 typ.
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval
of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www. st.com
5/5
BYT 30PI-1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com