Electronic Components Datasheet Search
  English  ▼

X  

TSC240 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC240
Description  High-side and low-side bidirectional zero-drift current sense amplifier with enhanced PWM rejection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC240 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC240 Datasheet HTML 3Page - STMicroelectronics TSC240 Datasheet HTML 4Page - STMicroelectronics TSC240 Datasheet HTML 5Page - STMicroelectronics TSC240 Datasheet HTML 6Page - STMicroelectronics TSC240 Datasheet HTML 7Page - STMicroelectronics TSC240 Datasheet HTML 8Page - STMicroelectronics TSC240 Datasheet HTML 9Page - STMicroelectronics TSC240 Datasheet HTML 10Page - STMicroelectronics TSC240 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Figure 7. Supply current vs. input common-mode
0
10
20
30
40
50
60
70
80
90 100
0
20
40
60
80
100
1.5
1.7
1.8
2.0
2.1
2.3
1.5
1.8
2.1
Vcc = 2.7V
Vcc = 3.3V
Vcc = 5.5V
Vsense = 0V
Vicm (V)
Figure 8. Supply current vs. temperature
-40
-20
0
20
40
60
80
100
120
-40
0
40
80
120
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
1.8
2.1
2.4
Vicm = -4V
Vicm = 0V
Vicm = 12V
Vicm = 48V
Vicm = 100V
Temperature (°C)
Vsense = 0V
Figure 9. Input bias current vs. common-mode
0
10
20
30
40
50
60
70
80
90 100
0
20
40
60
80
100
-200
-100
0
100
200
300
400
500
600
-200
0
200
400
600
iibp = 2.7V
iibn = 2.7V
iibp = 5V
iibn = 5V
Vsense = 0V
Vicm (V)
Figure 10. Input bias current vs. temperature
-40
-20
0
20
40
60
80
100
120
-40
0
40
80
120
80
85
90
95
100
105
110
115
120
80
90
100
110
120
Vcc = 2.7V
Vcc = 3.3V
Vcc = 5.5V
Temperature (°C)
Vsense = 0V
Figure 11. Input bias current vs. input common-mode
voltage VCC = 0 V
0
10
20
30
40
50
60
70
80
90 100
0
20
40
60
80
100
-100
0
100
200
300
400
0
200
400
T = -40°C
T = 25°C
T = 125°C
Vsense = 0V
Vcc = 0V
Vicm (V)
Figure 12. Input bias current vs. VSENSE
-150 -120 -90 -60 -30
0
30
60
90 120 150
-150
150
-500
-370
-240
-110
20
150
280
410
540
670
800
-500
800
Iibp
Iibn
Vsense (mV)
TSC240
Typical characteristics
DS15039 - Rev 1
page 7/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com