Electronic Components Datasheet Search
  English  ▼

X  

TSC240 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSC240
Description  High-side and low-side bidirectional zero-drift current sense amplifier with enhanced PWM rejection
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC240 Datasheet(HTML) 4 Page - STMicroelectronics

  TSC240 Datasheet HTML 1Page - STMicroelectronics TSC240 Datasheet HTML 2Page - STMicroelectronics TSC240 Datasheet HTML 3Page - STMicroelectronics TSC240 Datasheet HTML 4Page - STMicroelectronics TSC240 Datasheet HTML 5Page - STMicroelectronics TSC240 Datasheet HTML 6Page - STMicroelectronics TSC240 Datasheet HTML 7Page - STMicroelectronics TSC240 Datasheet HTML 8Page - STMicroelectronics TSC240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
3
Electrical characteristics
VCC = 5 V, VICM = 12 V, VSENSE = VIN+ - VIN-, VREF1 = VREF2 = VCC/2, T = 25 °C (unless otherwise specified).
Table 4. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power supply
ICC
Current consumption
VICM = -4 to +100 V, VSENSE = 0 mV,
Tmin < T < Tmax
1.9
2.4
2.6
mA
INPUT
|Vos|
Offset voltage, RTI
VICM = 12 V, VSENSE = 0 mV
3
20
µV
VICM = 48 V, VSENSE = 0 mV
12
56
|ΔVos/ΔT|
Offset drift (RTI) vs.
temperature (1)
VSENSE = 0 mV, VICM = 12 and 48 V
Tmin < T < Tmax
30
150
nV/°C
CMR
Common-mode rejection
VIN+ = -4 to +100 V, VSENSE = 0 mV
Tmin < T < Tmax
120
120
132
dB
f = 50 kHz
75
IIB
Input bias current
VICM = 12 V, IIB+, IIB-, VSENSE = 0 mV
Tmin < T < Tmax
110
150
150
µA
VICM = 48 V, IIB+, IIB-, VSENSE = 0 mV
Tmin < T < Tmax
210
250
250
SVR
Supply voltage rejection
VCC = 2.7 to 5.5 V, VSENSE = 0 mV
Tmin < T < Tmax
100
120
dB
|VSENSE|
Vsense operating voltage with
EG ≤ 0.2% (2)
TSC240A1, Tmin < T < Tmax
239
mV
OUTPUT
G
Gain
TSC240A1
20
V/V
EG
Gain error
VICM = 12 and 48 V
GND + 100 mV ≤ VOUT ≤ VCC - 100 mV
Tmin < T < Tmax
±0.05
±0.20
±0.20
%
ΔEG/ΔT
Gain error vs. temperature
Tmin < T < Tmax
±0.5
±2.5
ppm/°C
NLE
Non-linearity error
GND + 10 mV ≤ VOUT ≤ VCC - 200 mV
±0.001
%
VCC - VOH Output swing to the positive rail
RL = 10 kΩ to GND,
Tmin < T < Tmax
30
200
mV
VOL
Output swing to GND
RL = 10 kΩ to GND, VSENSE = 0 mV,
VREF1 = VREF2 = 0 V, Tmin < T < Tmax
4
10
IOUT
Output current
Sink mode, VICM = 12 and 48 V
Tmin < T < Tmax
10
8
20
30
40
mA
Source mode, VICM = 12 and 48 V
Tmin < T < Tmax
20
10
26
40
50
Reg load
Load regulation
IOUT = -5 to +5 mA
0.4
1.5
mV/mA
TSC240
Electrical characteristics
DS15039 - Rev 1
page 4/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com