Electronic Components Datasheet Search
  English  ▼

X  

AMC1200/B Datasheet(PDF) 15 Page - Texas Instruments

Part # AMC1200/B
Description  AMC1200/B Fully-Differential Isolation Amplifier
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1200/B Datasheet(HTML) 15 Page - Texas Instruments

Back Button AMC1200/B Datasheet HTML 11Page - Texas Instruments AMC1200/B Datasheet HTML 12Page - Texas Instruments AMC1200/B Datasheet HTML 13Page - Texas Instruments AMC1200/B Datasheet HTML 14Page - Texas Instruments AMC1200/B Datasheet HTML 15Page - Texas Instruments AMC1200/B Datasheet HTML 16Page - Texas Instruments AMC1200/B Datasheet HTML 17Page - Texas Instruments AMC1200/B Datasheet HTML 18Page - Texas Instruments AMC1200/B Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
R
2
12W
R
3
12W
R
SHUNT
AMC1200
AMC1200B
Gated
Drive
Circuit
To Load
Floating
Power Supply
HV+
Isolation
Barrier
C
2
(1)
330pF
C
3
10pF
(optional)
VDD1
VINP
VINN
GND1
VDD2
VOUTP
VOUTN
GND2
C
4
10pF
(optional)
C
1
(1)
0.1 F
m
D
1
5.1V
R
1
Gated
Drive
Circuit
Power
Supply
HV-
C
5
(1)
0.1 F
m
ADC
TMC320
C/F28xxx
AMC1200, AMC1200B
www.ti.com
SBAS542D – APRIL 2011 – REVISED JULY 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The AMC1200 and AMC1200B devices offer unique linearity, high input common mode rejection, low DC errors
and low temperature drift. These features make the AMC1200 a robust, high-performance isolation amplifier for
industrial applications where high voltage isolation is required.
8.2 Typical Applications
8.2.1 Motor Control
Figure 32 shows a typical operation of the AMC1200 and AMC1200B devices in a motor-control application.
Measurement of the motor phase current is done through the shunt resistor, RSHUNT (in this case, a two-terminal
shunt).
(1)
Place these capacitors as close as possible to the AMC device.
Figure 32. Typical Application Diagram
The high-side power supply (VDD1) for the AMC1200 and AMC1200B are derived from the power supply of the
upper gate driver. Further details are provided in the Power Supply Recommendations section.
The high transient immunity of the AMC1200 and AMC1200B ensures reliable and accurate operation even in
high-noise environments such as the power stages of the motor drives.
As shown in Figure 37, TI recommends placing the bypass and filter capacitors as close as possible to the AMC
device to ensure best performance.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: AMC1200 AMC1200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com