Electronic Components Datasheet Search
  English  ▼

X  

AMC1311B Datasheet(PDF) 26 Page - Texas Instruments

Part # AMC1311B
Description  AMC1311x High-Impedance, 2-V Input, Reinforced Isolated Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC1311B Datasheet(HTML) 26 Page - Texas Instruments

Back Button AMC1311B Datasheet HTML 22Page - Texas Instruments AMC1311B Datasheet HTML 23Page - Texas Instruments AMC1311B Datasheet HTML 24Page - Texas Instruments AMC1311B Datasheet HTML 25Page - Texas Instruments AMC1311B Datasheet HTML 26Page - Texas Instruments AMC1311B Datasheet HTML 27Page - Texas Instruments AMC1311B Datasheet HTML 28Page - Texas Instruments AMC1311B Datasheet HTML 29Page - Texas Instruments AMC1311B Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
9.2.3 Application Curve
One important aspect of system design is the effective detection of an overvoltage condition to protect switching
devices and passive components from damage. To power off the system quickly in the event of an overvoltage
condition, a low delay caused by the isolated amplifier is required. Figure 9-4 shows the typical full-scale step
response of the AMC1311.
VIN
VOUTN
VOUTP
Figure 9-4. Step Response of the AMC1311
9.3 What To Do and What Not To Do
Do not leave the analog input (IN pin) of the AMC1311 unconnected (floating) when the device is powered up
on the high-side. If the device input is left floating, the bias current may generate a negative input voltage that
exceeds the specified input voltage range, causing the output of the device to be invalid.
Do not connect protection diodes to the input (IN pin) of the AMC1311. Diode leakage current can introduce
significant measurement error especially at high temperatures. The input pin is protected against high voltages
by its ESD protection circuit and the high impedance of the external restive divider.
AMC1311
SBAS786C – DECEMBER 2017 – REVISED JUNE 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AMC1311



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com