Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 20 Page - Texas Instruments

Part # AMC3336
Description  AMC3336 High-Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3336 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 16Page - Texas Instruments AMC3336 Datasheet HTML 17Page - Texas Instruments AMC3336 Datasheet HTML 18Page - Texas Instruments AMC3336 Datasheet HTML 19Page - Texas Instruments AMC3336 Datasheet HTML 20Page - Texas Instruments AMC3336 Datasheet HTML 21Page - Texas Instruments AMC3336 Datasheet HTML 22Page - Texas Instruments AMC3336 Datasheet HTML 23Page - Texas Instruments AMC3336 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
7.3 Feature Description
7.3.1 Analog Input
The high-impedance input stage of the AMC3336 feeds a second-order, switched-capacitor, feed-forward ΔΣ
modulator. The modulator converts the analog signal into a bitstream that is transferred over the isolation barrier,
as described in the Isolation Channel Signal Transmission section. The high-impedance, and low bias-current
input makes the AMC3336 suitable for isolated, high-voltage-sensing applications that typically employ high
impedance resistor dividers.
For reduced offset and offset drift, the input buffer is chopper-stabilized with the chopping frequency set at
fCLKIN / 32. Figure 7-1 shows the spur at 625 kHz that is generated by the chopping frequency for a modulator
clock of 20 MHz.
Frequency (kHz)
0.1
1
10
100
1000
10000
-160
-140
-120
-100
-80
-60
-40
-20
0
sinc3 filter, OSR = 1, fCLKIN = 20 MHz, fIN = 1 kHz
Figure 7-1. Quantization Noise Shaping
There are two restrictions on the analog input signals (INP and INN). First, if the input voltage exceeds the input
range specified in the Absolute Maximum Ratings table, the input current must be limited to 10 mA because the
device input electrostatic discharge (ESD) diodes turn on. Second, the linearity and noise performance of the
device are ensured only when the differential analog input voltage remains within the specified linear full-scale
range VFSR and within the specified input common-mode voltage range VCM as specified in the Recommended
Operating Conditions table.
AMC3336
SBASA70 – APRIL 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com