Electronic Components Datasheet Search
  English  ▼

X  

AMC3336 Datasheet(PDF) 29 Page - Texas Instruments

Part # AMC3336
Description  AMC3336 High-Precision, ±1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC3336 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AMC3336 Datasheet HTML 25Page - Texas Instruments AMC3336 Datasheet HTML 26Page - Texas Instruments AMC3336 Datasheet HTML 27Page - Texas Instruments AMC3336 Datasheet HTML 28Page - Texas Instruments AMC3336 Datasheet HTML 29Page - Texas Instruments AMC3336 Datasheet HTML 30Page - Texas Instruments AMC3336 Datasheet HTML 31Page - Texas Instruments AMC3336 Datasheet HTML 32Page - Texas Instruments AMC3336 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
8.2.1.3 Application Curve
The effective number of bits (ENOB) is often used to compare the performance of ADCs and ΔΣ modulators.
Figure 8-3 shows the ENOB of the AMC3336 with different oversampling ratios. By using Equation 3, this
number can also be calculated from the SINAD:
SINAD = 1.76 dB + 6.02 dB x ENOB
(3)
OSR
1
10
100
1000
0
2
4
6
8
10
12
14
16
sinc3
sinc2
sinc1
Figure 8-3. Measured Effective Number of Bits vs Oversampling Ratio
8.2.2 What To Do and What Not To Do
Do not leave the inputs of the AMC3336 unconnected (floating) when the device is powered up. If both
modulator inputs are left floating, the modulator outputs a bitstream that is undefined.
Connect the high-side ground (HGND) to INN, either directly or through a resistive path. A DC current path
between INN and HGND is required to define the input common-mode voltage. Take care not to exceed the input
common-mode range, as specified in the Recommended Operating Conditions table.
The high-side LDO can source a limited amount of current (IH) to power external circuitry. Take care not to
over-load the high-side LDO and be aware of the drating of IH at high temperatures as explined in the Isolated
DC/DC Converter section.
The low-side LDO does not output a constant voltage and is not intended for powering any external circuitry. Do
not connect any external load to the HLDO_OUT pin.
www.ti.com
AMC3336
SBASA70 – APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AMC3336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com