Electronic Components Datasheet Search
  English  ▼

X  

STAMP0TR Datasheet(PDF) 60 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 54Page - STMicroelectronics STAMP0TR Datasheet HTML 55Page - STMicroelectronics STAMP0TR Datasheet HTML 56Page - STMicroelectronics STAMP0TR Datasheet HTML 57Page - STMicroelectronics STAMP0TR Datasheet HTML 58Page - STMicroelectronics STAMP0TR Datasheet HTML 59Page - STMicroelectronics STAMP0TR Datasheet HTML 60Page - STMicroelectronics STAMP0TR Datasheet HTML 61Page - STMicroelectronics STAMP0TR Datasheet HTML 62Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
Package information
STAMP0
60/62
DocID028639 Rev 1
Table 17: VFQFPN (5 x 5 x 1.0 mm) 28L package mechanical data
Symbol
mm.
Min.
Typ.
Max
Symbol
mm.
Min.
Typ.
Max.
A
0.800
0.850
1.000
A1
0.010
0.050
A2
0.650
0.800
A3
0.200
b
0.204
0.254
0.300
D
4.900
5.000
5.100
D2
SEE EXPOSED PAD VARIATIONS
E
4.900
5.000
5.100
E2
SEE EXPOSED PAD VARIATIONS
e
0.450
0.500
0.550
L
0.500
0.600
0.750
K
0.25
ddd
0.050
VARIATION
EXPOSED PAD VARIATIONS
E2
A
2.950
3.100
3.250
B
2.550
2.700
2.850
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com