Electronic Components Datasheet Search
  English  ▼

X  

STAMP0TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # STAMP0TR
Description  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 16Page - STMicroelectronics STAMP0TR Datasheet HTML 17Page - STMicroelectronics STAMP0TR Datasheet HTML 18Page - STMicroelectronics STAMP0TR Datasheet HTML 19Page - STMicroelectronics STAMP0TR Datasheet HTML 20Page - STMicroelectronics STAMP0TR Datasheet HTML 21Page - STMicroelectronics STAMP0TR Datasheet HTML 22Page - STMicroelectronics STAMP0TR Datasheet HTML 23Page - STMicroelectronics STAMP0TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 62 page
background image
Architecture
STAMP0
20/62
DocID028639 Rev 1
Figure 9: High-level detection architecture
In the architecture illustrated in Figure 9: "High-level detection architecture" we have:
•
8 RMS meters detailed in Section 5.3.5: "Averaging based RMS calculation"
−
The RMS calculation can be enabled using the dedicated I²C register (Reg. 0x11
and Reg. 0x12).
•
8 digital comparators to detect a high level on the related channel. The threshold value
for each channel can be programmed through the dedicated I²C register RMS_TH
(Reg. 0x0F and 0x10). Moreover observing Figure 9: "High-level detection
architecture" it is possible to see that two threshold programming modalities are
supported:
−
Single threshold programming: using the COMP_SEL I²C register (Reg. 0x0E,
bit B6, B5 and B4) it is possible to select and consequently to program the
desired comparator threshold. In this case one single threshold can be
programmed every time.
−
Burst threshold programming: using the COMP_B I²C register (Reg. 0x0E, bit
B7) it is possible to program the same threshold at the input of each comparator.
When a channel level exceeds the high-level limit programmed through the I²C, the
corresponding bit in the I²C register RMSxS (Reg. 0x24) is set to one and an interrupt is
generated.
Furthermore the RMS value of each channel can be read back, reading the related I²C
registers RMS_CHx (from Reg. 0x13 to Reg. 0x22), and its value in dB is given by the
following equation:
������������������������������������_������������������������������������������������������������������������������������=20×������������������������������������10������������������������������������������������������������������������×210−������������
215×0.635
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com