Electronic Components Datasheet Search
  English  ▼

X  

TDA7440D Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7440D
Description  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7440D Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7440D Datasheet HTML 1Page - STMicroelectronics TDA7440D Datasheet HTML 2Page - STMicroelectronics TDA7440D Datasheet HTML 3Page - STMicroelectronics TDA7440D Datasheet HTML 4Page - STMicroelectronics TDA7440D Datasheet HTML 5Page - STMicroelectronics TDA7440D Datasheet HTML 6Page - STMicroelectronics TDA7440D Datasheet HTML 7Page - STMicroelectronics TDA7440D Datasheet HTML 8Page - STMicroelectronics TDA7440D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
TDA7440
April 2010
1
FEATURES
INPUT MULTIPLEXER
– 4 STEREO INPUTS
– SELECTABLE INPUT GAIN FOR OPTIMAL
ADAPTATION TO DIFFERENT SOURCES
ONE STEREO OUTPUT
TREBLE AND BASS CONTROL IN 2.0dB
STEPS
VOLUME CONTROL IN 1.0dB STEPS
TWO SPEAKER ATTENUATORS:
– TWO INDEPENDENT SPEAKER CONTROL
IN 1.0dB STEPS FOR BALANCE FACILITY
– INDEPENDENT MUTE FUNCTION
ALL FUNCTION ARE PROGRAMMABLE VIA
SERIAL BUS
2
DESCRIPTION
The TDA7440D is a volume tone (bass and treble)
balance (Left/Right) processor for quality audio
applications in Hi-Fi systems.
Selectable input gain is provided. Control of all the
functions is accomplished by serial bus.
The AC signal setting is obtained by resistor net-
works and switches combined with operational
amplifiers.
Thanks to the used BIPOLAR/CMOS Technology,
Low Distortion, Low Noise and DC stepping are
obtained
TONE CONTROL
DIGITALLY CONTROLLED AUDIO PROCESSOR
Figure 2. Block Diagram
0/30dB
2dB STEP
MUXOUTL
INL
VOLUME
VOLUME
TREBLE
TREBLE
TREBLE(L)
MUXOUTR
INR
TREBLE(R)
BOUT(L)
SPKR ATT
LEFT
LOUT
SCL
SDA
DIG_GND
ROUT
D98AU883
I
2CBUS DECODER + LATCHES
100K
100K
100K
100K
G
L-IN1
L-IN2
L-IN3
L-IN4
100K
100K
100K
100K
R-IN1
R-IN2
R-IN3
R-IN4
G
INPUT MULTIPLEXER
+ GAIN
BASS
BIN(L)
BASS
SPKR ATT
RIGHT
BOUT(R)
BIN(R)
SUPPLY
CREF
AGND
VS
27
4
5
6
7
3
2
1
28
21
22
20
26
24
25
10
11
19
12
13
23
8
9
18
14
15
RB
RB
VREF
Figure 1. Package
Table 1. Order Codes
Order code
Package
TDA7440D
SO-28
TDA7440D013TR
Tape & Reel
SO-28
REV. 4


Similar Part No. - TDA7440D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 3
More results

Similar Description - TDA7440D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7440D STMICROELECTRONICS-TDA7440D Datasheet
212Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
REV. 3
TDA7449 STMICROELECTRONICS-TDA7449 Datasheet
128Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Apr-1999
TDA7463D STMICROELECTRONICS-TDA7463D Datasheet
151Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
May-2002
TDA7463AD STMICROELECTRONICS-TDA7463AD Datasheet
90Kb / 11P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7863D STMICROELECTRONICS-TDA7863D Datasheet
112Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463D STMICROELECTRONICS-TDA7463D_04 Datasheet
116Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7449 STMICROELECTRONICS-TDA7449_04 Datasheet
200Kb / 19P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463A STMICROELECTRONICS-TDA7463A_1 Datasheet
123Kb / 12P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Jun-2004
TDA7463AD STMICROELECTRONICS-TDA7463AD_05 Datasheet
145Kb / 13P
LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
Nov-2005
TDA7440 STMICROELECTRONICS-TDA7440_10 Datasheet
741Kb / 17P
TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
30-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com