Electronic Components Datasheet Search
  English  ▼

X  

TDA7440D Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7440D
Description  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7440D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7440D Datasheet HTML 7Page - STMicroelectronics TDA7440D Datasheet HTML 8Page - STMicroelectronics TDA7440D Datasheet HTML 9Page - STMicroelectronics TDA7440D Datasheet HTML 10Page - STMicroelectronics TDA7440D Datasheet HTML 11Page - STMicroelectronics TDA7440D Datasheet HTML 12Page - STMicroelectronics TDA7440D Datasheet HTML 13Page - STMicroelectronics TDA7440D Datasheet HTML 14Page - STMicroelectronics TDA7440D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
TDA7440
5.3 DATA BYTES (continued)
Table 12. BASS SELECTION
Table 13. TREBLE SELECTION
MSB
LSB
BASS
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
0
0
0
0
-14dB
0
0
0
1
-12dB
0
0
1
0
-10dB
0
011
-8dB
0
100
-6dB
0
101
-4dB
0
110
-2dB
0
111
0dB
1
111
0dB
1
110
2dB
1
101
4dB
1
100
6dB
1
011
8dB
1
0
1
0
10dB
1
0
0
1
12dB
1
0
0
0
14dB
MSB
LSB
TREBLE
D7
D6
D5
D4
D3
D2
D1
D0
2dB STEPS
0
0
0
0
-14dB
0
0
0
1
-12dB
0
0
1
0
-10dB
001
1
-8dB
010
0
-6dB
010
1
-4dB
011
0
-2dB
011
1
0dB
111
1
0dB
111
0
2dB
110
1
4dB
110
0
6dB
101
1
8dB
1
0
1
0
10dB
1
0
0
1
12dB
1
0
0
0
14dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com