Electronic Components Datasheet Search
  English  ▼

X  

TDA7491HV Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 3Page - STMicroelectronics TDA7491HV Datasheet HTML 4Page - STMicroelectronics TDA7491HV Datasheet HTML 5Page - STMicroelectronics TDA7491HV Datasheet HTML 6Page - STMicroelectronics TDA7491HV Datasheet HTML 7Page - STMicroelectronics TDA7491HV Datasheet HTML 8Page - STMicroelectronics TDA7491HV Datasheet HTML 9Page - STMicroelectronics TDA7491HV Datasheet HTML 10Page - STMicroelectronics TDA7491HV Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
3
Absolute maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage for pins PVCCA, PVCCB
23
V
VI
Voltage limits for input pins STBY, MUTE, INNA, INPA, INNB, INPB, GAIN0,
GAIN1
-0.3 - 3.6
V
Top
Operating temperature
-40 to 85
°C
Tj
Junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Table 4. Thermal data
Symbol
Parameter
Min.
Typ.
Max.
Unit
Rth j-case
Thermal resistance, junction-to-case
2
3
°C/W
Rth j-amb
Thermal resistance, junction-to-ambient (mounted on a recommended
PCB)(1).
24
1. FR4 with vias to copper area of 9 cm2
TDA7491HV
Absolute maximum ratings
DS5624 - Rev 10
page 7/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com