Electronic Components Datasheet Search
  English  ▼

X  

TDA7491HV Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 4Page - STMicroelectronics TDA7491HV Datasheet HTML 5Page - STMicroelectronics TDA7491HV Datasheet HTML 6Page - STMicroelectronics TDA7491HV Datasheet HTML 7Page - STMicroelectronics TDA7491HV Datasheet HTML 8Page - STMicroelectronics TDA7491HV Datasheet HTML 9Page - STMicroelectronics TDA7491HV Datasheet HTML 10Page - STMicroelectronics TDA7491HV Datasheet HTML 11Page - STMicroelectronics TDA7491HV Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
4
Electrical specifications
Unless otherwise stated, the results in Table 1 below are given for the conditions: VCC = 18 V, RL (load) = 8 Ω,
ROSC = R3 = 39 kΩ, C8 = 100 nF, f = 1 kHz, GV = 20 dB and Tamb = 25 °C.
Table 5. Electrical specifications
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply voltage
5
-
18
V
Iq
Total quiescent current
-
26
35
mA
IqSTBY
Quiescent current in standby
2.5
5.0
µA
VOS
Output offset voltage
Play mode
-100
+100
mV
Mute mode
-60
+60
IOCP
Overcurrent protection threshold
RL = 0 Ω
3
5
-
A
Tj
Junction temperature at thermal
shutdown
150
°C
Ri
Input resistance
Differential input
54
60
kΩ
VUVP
Undervoltage protection threshold
-
4.5
V
RDS(on)
Power transistor on resistance
High-side
0.2
Ω
Low-side
0.2
Po
Output power
THD = 10%
20
W
THD = 1%
16
Po
Output power
RL = 8 Ω, THD = 10%, VCC = 12
V
7.2
W
RL = 6 Ω, THD = 1% VCC = 25
V
4.0
PD
Dissipated power
Po =20W +20 W,
THD = 10%
4.0
W
η
Efficiency
Po = 20 W + 20W
80
90
%
THD
Total harmonic distortion
Po = 1 W
0.1
%
GV
Closed-loop gain
GAIN0 = L, GAIN1 = L
18
20
22
dB
GAIN0 = L, GAIN1 = H
24
26
28
GAIN0 = H, GAIN1 = L
28
30
32
GAIN0 = H, GAIN1 = H
30
32
34
ΔGV
Gain matching
-1
+1
dB
CT
Cross-talk
f = 1 kHz, Po=1 W
70
dB
eN
Total input noise
A curve, GV = 20 dB
20
µV
f = 22 Hz to 22 kHz
-
25
35
SVRR
Supply voltage rejection ratio
fr = 100 Hz, Vr = 1 Vpp, CSVR =
10 µF
50
dB
Tr, Tf
Rise and fall times
40
ns
fSW
Switching frequency
Internal oscillator, master mode
290
320
350
kHz
TDA7491HV
Electrical specifications
DS5624 - Rev 10
page 8/50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com