Electronic Components Datasheet Search
  English  ▼

X  

136-030 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 136-030
Description  FLAT AND ROUND CABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

136-030 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  136-030 Datasheet HTML 1Page - TE Connectivity Ltd 136-030 Datasheet HTML 2Page - TE Connectivity Ltd 136-030 Datasheet HTML 3Page - TE Connectivity Ltd 136-030 Datasheet HTML 4Page - TE Connectivity Ltd 136-030 Datasheet HTML 5Page - TE Connectivity Ltd 136-030 Datasheet HTML 6Page - TE Connectivity Ltd 136-030 Datasheet HTML 7Page - TE Connectivity Ltd 136-030 Datasheet HTML 8Page - TE Connectivity Ltd 136-030 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
IDC Systems
Flat Ribbon Cables
103
Thomas & Betts Electronics/OEM Division Tel: 901-252-5000 Fax: 901-252-1312
Dimensions shown are for reference only. Dimensions are in millimeters (inches).
.025" PITCH FLAT CABLE
137 SERIES
(30 AWG STRANDED PVC)
PHYSICAL PROPERTIES
INSULATION MATERIAL: Flexible PVC
COLOR: Blue/Grey
CONDUCTORS: 30 AWG, 7/38 tinned, stranded copper
ELECTRICAL PROPERTIES
VOLTAGE RATING: 150V rms
INSULATION RESISTANCE: >1010 Ohms
IMPEDANCE: 70 Ohms
CAPACITANCE @ 1 MHZ: 82.0 pF/m (25.0 pF/ft.)
INDUCTANCE @ 1 MHZ: .46 µH/m (.14 µH/ft.)
PROPOGATION DELAY: 5.08 nSec/m (1.55 nSec/ft.)
ENVIRONMENTAL PROPERTIES
TEMPERATURE RATING: –20˚ C to 105˚ C
APPLICATION TOOLING
CABLE CUTTER: 779-5030M
PACKAGING
STANDARD: Splice free 100 foot rolls with UL/CSA
markings on reels.
OPTIONAL: Other roll quantities and labeling options
available. See page 129 for details.
UL Style No. 2678
UL94VW-1 COMPLIANT
Ordering Information
NUMBER OF
CATALOG
DIMENSIONS
CONDUCTORS
NUMBER
A
B
20
137-020
12.70 (.500)
12.07 (.475)
26
137-026
16.51 (.650)
15.88 (.625)
30
137-030
19.05 (.750)
18.42 (.725)
34
137-034
21.59 (.850)
20.96 (.825)
40
137-040
25.40 (1.000)
24.77 (.975)
50
137-050
31.75 (1.250)
31.12 (1.225)
60
137-060
38.10 (1.500)
37.47 (1.475)
68
137-068
43.18 (1.700)
42.55 (1.675)
80
137-080
50.80 (2.000)
50.17 (1.975)
100
137-100
63.50 (2.500)
62.87 (2.475)
120
137-120
76.2 (3.000)
75.57 (2.975)
LL53375
E41651



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com