Electronic Components Datasheet Search
  English  ▼

X  

136-030 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 136-030
Description  FLAT AND ROUND CABLE
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

136-030 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  136-030 Datasheet HTML 1Page - TE Connectivity Ltd 136-030 Datasheet HTML 2Page - TE Connectivity Ltd 136-030 Datasheet HTML 3Page - TE Connectivity Ltd 136-030 Datasheet HTML 4Page - TE Connectivity Ltd 136-030 Datasheet HTML 5Page - TE Connectivity Ltd 136-030 Datasheet HTML 6Page - TE Connectivity Ltd 136-030 Datasheet HTML 7Page - TE Connectivity Ltd 136-030 Datasheet HTML 8Page - TE Connectivity Ltd 136-030 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
IDC Systems
Cable
PRODUCT DESCRIPTION
Thomas & Betts flat cable provides the
means to reduce mass and weight in
flexible wiring assemblies. Available
with PVC, TPE or FEP insulation, the
cable is extruded to provide precise
and
uniform
alignment
of
the
conductor spacing.
DESIGN ADVANTAGES
• Extruded
PVC,
TPE
or
FEP
insulation for precise conductor
spacing.
• Polarizing
stripe
allows
easy
identification of number one circuit
even in twisted or irregularly curved
applications.
• Thomas & Betts cable cutters and
IDC
termination
tooling
are
matched to the cable tolerances to
provide uniform results and trouble-
free, high performance fine pitch
cable assemblies.
• Available in standard .025", .050",
and spread pitch configurations.
• Available in various gauge wire.
• Available in ground plane, high flex,
color-coded, round to flat, twisted
pair, and jacketed configurations.
101
Thomas & Betts Electronics/OEM Division Tel: 901-252-5000 Fax: 901-252-1312
FLAT AND ROUND CABLE
Fine Pitch (.025")
Flat Cable:
136
PVC, 30 AWG, Solid
102
137
PVC, 30 AWG, Stranded
103
131
TPE, 30 AWG, Solid
104
132
TPE, 30 AWG, Stranded
105
134
TPO, 30 AWG, Solid Fast SCSI
106
138
TPO, 31 AWG, Solid Fast SCSI
107
139
TPO, 30 AWG, Stranded Fast SCSI
108
140
FEP, 32 AWG, Stranded
109
141
FEP, 32 AWG, Solid
110
188
PVC Jacketed/Shielded, 30 AWG
111
198
PVC Ground Plane, 30 AWG
112
Round Cable:
302
PVC Shielded—Round
113
Prepared Cable:
136-xxx-0100
Transition Cable, Single End
114
136-xxx-0100D
Transition Cable, Double End
115
Standard Pitch (.050")
Flat Cable:
171
PVC, 28 AWG, Stranded
116
173
PVC, 28 AWG, Solid
117
179
PVC, 26 AWG, Stranded
118
177
TPE, 28 AWG, Stranded
119
199
Halogen Free, 28 AWG (7/36) Stranded
120
185
High Flex, PVC , Stranded
121
174
PVC Jacketed, 28 AWG
122
187
PVC Jacketed/Shielded
123
196
Ground Plane, 28 AWG
124
200
PVC Twisted Pair, Flat
125
200/201
PVC Color Coded (28/26 AWG)
126
Round Cable:
300/301
28 AWG, Shielded/Non-shielded
127
Prepared Cable:
203/204
Round to Flat, 28 AWG
128


Similar Part No. - 136-030

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
136-1-G HELLERMANNTYTON-136-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
136-1-GP HELLERMANNTYTON-136-1-GP Datasheet
2Mb / 70P
NorthAmericanProductGuide
logo
Premier Farnell Limited...
136-7017 DURATOOL-136-7017 Datasheet
32Kb / 1P
Rigger Gloves
136-7036 DURATOOL-136-7036 Datasheet
33Kb / 1P
24V Combi Drill
136-7037 DURATOOL-136-7037 Datasheet
33Kb / 1P
24V Combi Drill
More results

Similar Description - 136-030

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3709 3M-3709 Datasheet
29Kb / 2P
050 Round Conductor Flat Cable
23-Jun-1999
3749 3M-3749 Datasheet
27Kb / 2P
025 Round Conductor Flat Cable
19-Feb-1999
3754 3M-3754 Datasheet
661Kb / 3P
Round Conductor Flat Cable
29-Mar-2005
3849 3M-3849 Datasheet
32Kb / 2P
033 Round Conductor Flat Cable
19-Feb-1999
HF625 3M-HF625 Datasheet
917Kb / 3P
3M™ Round Conductor Flat Cable
03-Dec-2010
3625 3M-3625 Datasheet
830Kb / 6P
3M™ Round Conductor Flat Cable
13-May-2009
3609 3M-3609 Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
12-May-2009
HF75930SF 3M-HF75930SF Datasheet
268Kb / 3P
3M Round, Jacketed, Flat Cable
07-Jun-2013
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
3M Round Conductor Flat Cable
07-May-2009
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
3M™ Round Conductor Flat Cable
07-May-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com