Electronic Components Datasheet Search
  English  ▼

X  

SEN0313 Datasheet(PDF) 1 Page - DFROBOT

Part # SEN0313
Description  A01NYUB Waterproof Ultrasonic Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0313 Datasheet(HTML) 1 Page - DFROBOT

  SEN0313 Datasheet HTML 1Page - DFROBOT SEN0313 Datasheet HTML 2Page - DFROBOT SEN0313 Datasheet HTML 3Page - DFROBOT SEN0313 Datasheet HTML 4Page - DFROBOT SEN0313 Datasheet HTML 5Page - DFROBOT SEN0313 Datasheet HTML 6Page - DFROBOT SEN0313 Datasheet HTML 7Page - DFROBOT SEN0313 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
 
 
 
 
A01NYUB Waterproof Ultrasonic Sensor
SKU:SEN0313
Introduction
Ultrasonic distance sensor determines the distance to a target by measuring time lapses
between the sending and receiving of the ultrasonic pulse. A01NYUB is an waterproof
ultrasoinic sensor module with 7.5m effective ranging distance. It is compatible with
3.3V~5V device like Arduino, Raspberry Pi, etc. The average current of A01NYUB is only
15mA so it can be powered by most controllers' IO port.
The ultrasonic sensor adopts closed probe of transmitter & receiver, waterproof and
dustproof, which could be well suitable for harsh and moist measuring environment. It
reserves 2.54-4P interface and adopts UART communication. ME007YS ultrasonic sensor
has experienced long-term test and constant optimization so it can offer a pretty fast
response time, high stability and sensitivity, and low power consumption.
Use the sensor with Arduino controller to build up your projects, such as backing car
annunciator, obstacle avoidance robot, object approaching detection etc.


Similar Part No. - SEN0313

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0311 DFROBOT-SEN0311 Datasheet
1Mb / 4P
A02YYUW Waterproof Ultrasonic Sensor
12-5-19
SEN0312 DFROBOT-SEN0312 Datasheet
708Kb / 9P
ME007YS Waterproof Ultrasonic Sensor
12-5-19
SEN0315 DFROBOT-SEN0315 Datasheet
1Mb / 13P
Grav ity: PAJ7620U2 Gesture Sensor
4-20-20
SEN0318 DFROBOT-SEN0318 Datasheet
897Kb / 2P
Gravity: CCS811 Air Quality Sensor
2-17-20
More results

Similar Description - SEN0313

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UB2000-F42S-U-V15 PF-UB2000-F42S-U-V15 Datasheet
840Kb / 6P
Ultrasonic sensor
UB3000-F42-UK-V95 PF-UB3000-F42-UK-V95 Datasheet
829Kb / 6P
Ultrasonic sensor
UB4000-F42-E4-V15 PF-UB4000-F42-E4-V15 Datasheet
457Kb / 6P
Ultrasonic sensor
UB4000-F42-E6-V15 PF-UB4000-F42-E6-V15 Datasheet
448Kb / 6P
Ultrasonic sensor
UB4000-F42-U-V15 PF-UB4000-F42-U-V15 Datasheet
452Kb / 6P
Ultrasonic sensor
UB6000-30GM-H3-V1 PF-UB6000-30GM-H3-V1 Datasheet
482Kb / 4P
Ultrasonic sensor
UC3500-30GM70S-UE2R2-V15 PF-UC3500-30GM70S-UE2R2-V15 Datasheet
896Kb / 6P
Ultrasonic sensor
UC6000-30GM-2EP-IO-V15 PF-UC6000-30GM-2EP-IO-V15 Datasheet
1Mb / 8P
Ultrasonic sensor
UC6000-30GM70-IE2R2-V15 PF-UC6000-30GM70-IE2R2-V15 Datasheet
1Mb / 6P
Ultrasonic sensor
UC6000-30GM70S-IE2R2-V15 PF-UC6000-30GM70S-IE2R2-V15 Datasheet
881Kb / 6P
Ultrasonic sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com