Electronic Components Datasheet Search
  English  ▼

X  

SEN0313 Datasheet(PDF) 2 Page - DFROBOT

Part # SEN0313
Description  A01NYUB Waterproof Ultrasonic Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0313 Datasheet(HTML) 2 Page - DFROBOT

  SEN0313 Datasheet HTML 1Page - DFROBOT SEN0313 Datasheet HTML 2Page - DFROBOT SEN0313 Datasheet HTML 3Page - DFROBOT SEN0313 Datasheet HTML 4Page - DFROBOT SEN0313 Datasheet HTML 5Page - DFROBOT SEN0313 Datasheet HTML 6Page - DFROBOT SEN0313 Datasheet HTML 7Page - DFROBOT SEN0313 Datasheet HTML 8Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
 
 
Specification
Operating Voltage: 3.3V-5v
Average Current: ≤15mA
Blind Zone Distance: 0-28cm
Ranging Distance for Flat Object: 28-750cm
Output: UART
Response Time: 100ms
Probe Center Frequency: 40K±1.0K
Operating Temperature: -15~60℃
Storage Temperature: -25~80℃
Protection Rate: IP67
Features
High Protection Rate
Strong Resistance
Stable Output
Low Power
Fast Response
High Antistatic Performance
Wide Operating Temperature
High Accuracy
Small in Size



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com