Electronic Components Datasheet Search
  English  ▼

X  

SEN0331 Datasheet(PDF) 3 Page - DFROBOT

Part # SEN0331
Description  SHT31 Digital Temperature & Humidity Sensor Breakout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0331 Datasheet(HTML) 3 Page - DFROBOT

  SEN0331 Datasheet HTML 1Page - DFROBOT SEN0331 Datasheet HTML 2Page - DFROBOT SEN0331 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APPLICATIONS 
Urban Environmental Monitoring 
Intelligent Building, Smart Home 
Grain Storage 
Plant and animal breeding System 
 
SPECIFICATION 
Operating Voltage: 2.15~5.5V 
Operating Current: <1.5mA 
Humidity Detection Range: 0%RH~100%RH 
Humidity Accuracy: ±2%RH@0%RH~100%RH(at 25℃) 
Temperature Detection Range: ‐40℃~125℃ 
Temperature Accuracy: ±0.2℃@0℃~90℃(Typical) 
Communication: I2C 
Outline Dimension: 19x16mm/0.75x0.63” 
Mounting Hole Size: 2mm/0.08” 
Mounting Hole Pitch: 15mm/0.59” 
 
https://www.dfrobot.com/product‐2013.html/5‐28‐20 



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com