Electronic Components Datasheet Search
  English  ▼

X  

SEN0331 Datasheet(PDF) 1 Page - DFROBOT

Part # SEN0331
Description  SHT31 Digital Temperature & Humidity Sensor Breakout
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

SEN0331 Datasheet(HTML) 1 Page - DFROBOT

  SEN0331 Datasheet HTML 1Page - DFROBOT SEN0331 Datasheet HTML 2Page - DFROBOT SEN0331 Datasheet HTML 3Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
 
SHT31 Digital Temperature & Humidity Sensor 
Breakout 
SKU:SEN0331 
 
INTRODUCTION 
This DFRobot SHT31 digital temperature and humidity sensor is based upon the Sensirion SHT31 sensor 
IC. Thanks to Sensirion’s CMOSens® technology, highly integrated capacitive humidity sensing 
components and band‐gap temperature sensing components, the SHT31 offers high reliability and long‐
term stability with low power consumption, fast response and strong anti‐interference ability. The 
sensor supports I2C communication, and is compatible with 3.3V/5V controllers like Arduino, micro:bit, 
ESP32. It is easy to achieve precise and high‐reliability temperature and humidity sensing for urban 
environment monitoring, intelligent buildings, industrial automation, smart home and other Internet of 
Things applications. 
SHT31 is the standard version of the SHT3x series. It provides humidity accuracy ± 2%RH@0% RH~100% 
RH (at 25°C), and temperature accuracy±0.2°C@ 0°C ~90°C (typical). 


Similar Part No. - SEN0331

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0303 DFROBOT-SEN0303 Datasheet
728Kb / 9P
Gravity VEML6075 UV Sensor Module
9-11-19
SEN0305-S DFROBOT-SEN0305-S Datasheet
3Mb / 50P
Gravity: HUSKYLENS with Silicone Case
3-16-20
SEN0311 DFROBOT-SEN0311 Datasheet
1Mb / 4P
A02YYUW Waterproof Ultrasonic Sensor
12-5-19
SEN0312 DFROBOT-SEN0312 Datasheet
708Kb / 9P
ME007YS Waterproof Ultrasonic Sensor
12-5-19
SEN0313 DFROBOT-SEN0313 Datasheet
520Kb / 8P
A01NYUB Waterproof Ultrasonic Sensor
12-5-19
More results

Similar Description - SEN0331

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
RHT01 ETC-RHT01 Datasheet
442Kb / 5P
Digital relative humidity & temperature sensor
RHT02 ETC-RHT02 Datasheet
644Kb / 6P
Digital relative humidity & temperature sensor
RHT03 ETC-RHT03 Datasheet
436Kb / 5P
Digital relative humidity & temperature sensor
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
Digital relative humidity & temperature sensor
RHT05 ETC-RHT05 Datasheet
419Kb / 5P
Digital relative humidity & temperature sensor
logo
Silicon Laboratories
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
Digital Temperature and Humidity Sensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com