Electronic Components Datasheet Search
  English  ▼

X  

2440 Datasheet(PDF) 2 Page - Mascot AS

Part # 2440
Description  Max. 4A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASCOT [Mascot AS]
Direct Link  https://www.mascot.no/
Logo MASCOT - Mascot AS

2440 Datasheet(HTML) 2 Page - Mascot AS

  2440 Datasheet HTML 1Page - Mascot AS 2440 Datasheet HTML 2Page - Mascot AS 2440 Datasheet HTML 3Page - Mascot AS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
sales@mascot.no
Mascot FRANCE
38 rue Leo Lagrange
F-94270 Le Kremlin Bicêtre
+33 146 587 185
www.mascot.com
Main Office NORWAY
Box 177
N-1601 Fredrikstad
+ 47 69 36 43 00
Mascot UK
Bok 2090, Salisbury
Wiltshire SP2 2BH
+44 172 250 4853
Mascot DE, BENELUX
Hirschbergstr. 28/7
D-74838 Limbach
+49 628 795 140
Mascot DE, CH, AT
Tettnanger Str. 52
D-88239 Wangen
+49 752 895 1677
Mascot BALTIC, RUSSIA
Taevakivi 15
13619 Tallinn, Estonia
+372 555 21 121
Mascot SWEDEN
Box 177
N-1601 Fredrikstad
+46 526 14025
Mascot AS Headquarters • PO Box 177 • 1601 Fredrikstad NORWAY • +47 69 36 43 00 • sales@mascot.no • www.mascot.no
TS140121
Charge control / Ladekontroll
Step 1
(orange)
Step 2a
(orange)
Step 2b
(yellow / gul)
Step 3
(green / grønn)
Cells
Max output
power (W)
Efficiency
(100% at 230V)
Charge current
Charge voltage
To yellow when
current is:
Charge termin.
when current is:
Charge start Vbat<
Celler
Maks. utg. effekt
Virkningsgrad
Ladestrøm
Ladespenning
Til gul når strøm er:
Ladestopp når strøm er:
Ladestart Vbat<
1
17
>60 %
4A ±0.2A
4.2V ±0.05V
< 1.8A ±0.2A
<300mA ± 25%
4.1V±0.1V
Or mains turned on/
Eller nettpåslag
2
34
>80 %
4A ±0.2A
8.4V ±0.1V
< 1.8A ±0.1A
<300mA ± 25%
8.0V±0.1V
3
51
>81 %
4A ±0.2A
12.6V ±0.1V
< 1.8A ±0.1A
<300mA ± 25%
12.3V±0.1V
4
59
>85 %
3.5A ±0.2A
16.8V ±0.1V
< 1.6A ±0.1A
<300mA ± 25%
16.4V±0.1V
5
70
>85 %
3.3A ±0.2A
21V ±0.1V
< 1.6A ±0.1A
<300mA ± 25%
20.5V±0.1V
6
71
>86 %
2.8A ±0.2A
25.2V ±0.2V
< 1.6A ±0.1A
<300mA ± 25%
24.6V±0.2V
7
74
>85 %
2.5A ±0.2A
29.4V ±0.2V
< 0.8A ±0.1A
<300mA ± 25%
28.7V±0.2V
8
71
>85 %
2.1A ±0.2A
33.6V ±0.1V
< 0.8A ±0.1A
<300mA ± 25%
32.8V±0.1V
9
72
85 %
1.9A ±0.2A
37.8V ±0.2V
< 0.8A ±0.1A
<200mA ± 25%
36.9V±0.2V
10
76
88 %
1.8A ±0.1A
42.0V ±0.2V
0.8A ±0.1A
<200mA ± 25%
41.0V±0.2V
11
74
87 %
1.6A ±0.1A
46.2V ±0.2V
< 0.8A ±0.1A
<200mA ± 25%
45.1V±0.2V
12
73
87 %
1.45A ±0.1A
50.4V ±0.3V
< 0.6A ±0.1A
<200mA ± 25%
49.2V±0.3V
13
74
87 %
1.35A ±0.1A
54.6V ±0.3V
< 0.6A ±0.1A
<100mA ± 25%
53.3V±0.3V
14
76
88 %
1.3A ±0.1A
58.8V ±0.3V
0.6A ±0.1A
<100mA ± 25%
57.4V±0.3V
15
72
87%
1.15A ±0.1A
63.0V ±0.3V
0.6A ±0.1A
<100mA ± 25%
61.5V±0.3V
16
67
87 %
1.0A ±0.1A
67.2V ±0.3V
0.6A ±0.1A
<100mA ± 25%
65.6V±0.3V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com