Electronic Components Datasheet Search
  English  ▼

X  

2440 Datasheet(PDF) 3 Page - Mascot AS

Part # 2440
Description  Max. 4A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MASCOT [Mascot AS]
Direct Link  https://www.mascot.no/
Logo MASCOT - Mascot AS

2440 Datasheet(HTML) 3 Page - Mascot AS

  2440 Datasheet HTML 1Page - Mascot AS 2440 Datasheet HTML 2Page - Mascot AS 2440 Datasheet HTML 3Page - Mascot AS  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
sales@mascot.no
Mascot FRANCE
38 rue Leo Lagrange
F-94270 Le Kremlin Bicêtre
+33 146 587 185
www.mascot.com
Main Office NORWAY
Box 177
N-1601 Fredrikstad
+ 47 69 36 43 00
Mascot UK
Bok 2090, Salisbury
Wiltshire SP2 2BH
+44 172 250 4853
Mascot DE, BENELUX
Hirschbergstr. 28/7
D-74838 Limbach
+49 628 795 140
Mascot DE, CH, AT
Tettnanger Str. 52
D-88239 Wangen
+49 752 895 1677
Mascot BALTIC, RUSSIA
Taevakivi 15
13619 Tallinn, Estonia
+372 555 21 121
Mascot SWEDEN
Box 177
N-1601 Fredrikstad
+46 526 14025
Mascot AS Headquarters • PO Box 177 • 1601 Fredrikstad NORWAY • +47 69 36 43 00 • sales@mascot.no • www.mascot.no
2440Li
Mounting brackets
TYPE 201970
1 mounting bracket per unit
Available separately
45 mm
72 mm
82 mm
17 mm
49 mm
41mm
14mm
Ø 12 mm
Ø 4 mm
44 mm
135 mm
80 mm
TS140121



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com