Electronic Components Datasheet Search
  English  ▼

X  

CC1352R Datasheet(PDF) 21 Page - Texas Instruments

Part # CC1352R
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352R Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1352R Datasheet HTML 17Page - Texas Instruments CC1352R Datasheet HTML 18Page - Texas Instruments CC1352R Datasheet HTML 19Page - Texas Instruments CC1352R Datasheet HTML 20Page - Texas Instruments CC1352R Datasheet HTML 21Page - Texas Instruments CC1352R Datasheet HTML 22Page - Texas Instruments CC1352R Datasheet HTML 23Page - Texas Instruments CC1352R Datasheet HTML 24Page - Texas Instruments CC1352R Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 79 page
background image
8.14 359 MHz to 527 MHz - Receive (RX) (continued)
When measured on the LAUNCHXL-CC1352P-4 reference design with Tc = 25 °C, VDDS = 3.0 V with
DC/DC enabled unless otherwise noted. All measurements are performed at the antenna input with a combined RX and TX
path. All measurements are performed conducted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Blocking, -2 MHz
BER = 10–2, 426.1 MHz(1)
70
dB
Blocking, +10 MHz
BER = 10–2, 426.1 MHz(1)
84
dB
Blocking, -10 MHz
BER = 10–2, 426.1 MHz(1)
84
dB
Image rejection (image compensation
enabled)
BER = 10–2, 426.1 MHz(1)
44
dB
RSSI dynamic range
Starting from the sensitivity limit
102
dB
RSSI accuracy
Starting from the sensitivity limit across the given
dynamic range
±3
dB
4.8 kbps, OOK, 34.1 kHz RX Bandwidth
Sensitivity
BER = 10–2, 433.92 MHz
-115
dBm
SimpleLink™ Long Range, 2.5/5 kbps (20 ksps), ±5 kHz Deviation, 2-GFSK, 34 kHz RX Bandwidth, FEC = 1:2, DSSS = 1:4/1:2
Sensitivity
2.5 kbps, BER = 10–2, 433.92 MHz
-121
dBm
Sensitivity
5 kbps, BER = 10–2, 433.92 MHz
-119
dBm
Saturation limit
5 kbps, BER = 10–2, 433.92 MHz
10
dBm
Selectivity, +100 kHz
5 kbps, BER = 10–2, 433.92 MHz(1)
55
dB
Selectivity, -100 kHz
5 kbps, BER = 10–2, 433.92 MHz(1)
53
dB
Blocking, +1 MHz
5 kbps, BER = 10–2, 433.92 MHz(1)
69
dB
Blocking, -1 MHz
5 kbps, BER = 10–2, 433.92 MHz(1)
65
dB
Blocking, +2 MHz
5 kbps, BER = 10–2, 433.92 MHz(1)
71
dB
Blocking, -2 MHz
5 kbps, BER = 10–2, 433.92 MHz(1)
70
dB
Blocking, +10 MHz
5 kbps, BER = 10–2, 433.92 MHz(1)
84
dB
Blocking, -10 MHz
5 kbps, BER = 10–2, 433.92 MHz(1)
84
dB
Image rejection (image compensation
enabled)
5 kbps, BER = 10–2, 433.92 MHz
49
dB
RSSI dynamic range
Starting from the sensitivity limit
101
dB
RSSI accuracy
Starting from the sensitivity limit across the given
dynamic range
±3
dB
(1)
Wanted signal 3 dB above sensitivity limit
www.ti.com
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com