Electronic Components Datasheet Search
  English  ▼

X  

CC1352R Datasheet(PDF) 32 Page - Texas Instruments

Part # CC1352R
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352R Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC1352R Datasheet HTML 28Page - Texas Instruments CC1352R Datasheet HTML 29Page - Texas Instruments CC1352R Datasheet HTML 30Page - Texas Instruments CC1352R Datasheet HTML 31Page - Texas Instruments CC1352R Datasheet HTML 32Page - Texas Instruments CC1352R Datasheet HTML 33Page - Texas Instruments CC1352R Datasheet HTML 34Page - Texas Instruments CC1352R Datasheet HTML 35Page - Texas Instruments CC1352R Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
8.21.1.1 Analog-to-Digital Converter (ADC) Characteristics (continued)
Tc = 25 °C, VDDS = 3.0 V and voltage scaling enabled, unless otherwise noted.(1)
Performance numbers require use of offset and gain adjustements in software by TI-provided ADC drivers.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference voltage
Equivalent fixed internal reference (input voltage
scaling enabled). For best accuracy, the ADC
conversion should be initiated through the TI-RTOS API
in order to include the gain/offset compensation factors
stored in FCFG1
4.3(2) (3)
V
Reference voltage
Fixed internal reference (input voltage scaling
disabled). For best accuracy, the ADC conversion
should be initiated through the TI-RTOS API in order to
include the gain/offset compensation factors stored in
FCFG1. This value is derived from the scaled value
(4.3 V) as follows:
Vref = 4.3 V × 1408 / 4095
1.48
V
Reference voltage
VDDS as reference, input voltage scaling enabled
VDDS
V
Reference voltage
VDDS as reference, input voltage scaling disabled
VDDS /
2.82(3)
V
Input impedance
200 kSamples/s, voltage scaling enabled. Capacitive
input, Input impedance depends on sampling frequency
and sampling time
>1
MΩ
(1)
Using IEEE Std 1241-2010 for terminology and test methods
(2)
Input signal scaled down internally before conversion, as if voltage range was 0 to 4.3 V
(3)
Applied voltage must be within Absolute Maximum Ratings (see Section 8.1) at all times
(4)
No missing codes
(5)
ADC_output = Σ(4n samples ) >> n, n = desired extra bits
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com