Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC1310
Description  CC1350 SimpleLink™ Ultra-Low-Power Dual-Band Wireless MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 2 Page - Texas Instruments

  CC1310 Datasheet HTML 1Page - Texas Instruments CC1310 Datasheet HTML 2Page - Texas Instruments CC1310 Datasheet HTML 3Page - Texas Instruments CC1310 Datasheet HTML 4Page - Texas Instruments CC1310 Datasheet HTML 5Page - Texas Instruments CC1310 Datasheet HTML 6Page - Texas Instruments CC1310 Datasheet HTML 7Page - Texas Instruments CC1310 Datasheet HTML 8Page - Texas Instruments CC1310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
2
CC1350
SWRS183B – JUNE 2016 – REVISED JULY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC1350
Device Overview
Copyright © 2016–2018, Texas Instruments Incorporated
– Wireless M-Bus (EN 13757-4) and IEEE®
802.15.4g PHY
• Tools and Development Environment
– Full-Feature and Low-Cost Development Kits
– Multiple Reference Designs for Different RF
Configurations
– Packet Sniffer PC Software
– Sensor Controller Studio
– SmartRF™ Studio
– SmartRF Flash Programmer 2
– IAR Embedded Workbench® for Arm
– Code Composer Studio™ (CCS) IDE
– CCS UniFlash
1.2
Applications
•
315-, 433-, 470-, 500-, 779-, 868-, 915-,
920-MHz and 2.4-GHz ISM and SRD Systems
•
Low-Power Wireless Systems
With 50-kHz to 5-MHz Channel Spacing
•
Home and Building Automation
•
Wireless Alarm and Security Systems
•
Industrial Monitoring and Control
•
Bluetooth low energy Beacon Management
•
Bluetooth low energy Commissioning
•
Smart Grid and Automatic Meter Reading
•
Wireless Healthcare Applications
•
Wireless Sensor Networks
•
Active RFID
•
IEEE 802.15.4g, IP-Enabled Smart Objects
(6LoWPAN), Wireless M-Bus, KNX Systems,
Wi-SUN™, and Proprietary Systems
•
Energy-Harvesting Applications
•
Electronic Shelf Label (ESL)
•
Long-Range Sensor Applications
•
Heat-Cost Allocators
1.3
Description
The CC1350 device is a cost-effective, ultra-low-power, dual-band RF device from Texas Instruments™
that is part of the SimpleLink™ microcontroller (MCU) platform. The platform consists of Wi-Fi®, Bluetooth®
low energy, Sub-1 GHz, Ethernet, Zigbee®, Thread, and host MCUs. These devices all share a common,
easy-to-use development environment with a single core software development kit (SDK) and a rich tool
set. A one-time integration of the SimpleLink platform enables users to add any combination of devices
from the portfolio into their design, allowing 100 percent code reuse when design requirements change.
For more information, visit www.ti.com/simplelink.
With very low active RF and MCU current consumption, in addition to flexible low-power modes, the
device provides excellent battery life and allows long-range operation on small coin-cell batteries and in
energy harvesting applications.
The CC1350 is a device in the CC13xx and CC26xx family of cost-effective, ultra-low-power wireless
MCUs capable of handling both Sub-1 GHz and 2.4-GHz RF frequencies. The CC1350 device combines a
flexible, very low-power RF transceiver with a powerful 48-MHz Arm® Cortex®-M3 microcontroller in a
platform supporting multiple physical layers and RF standards. A dedicated Radio Controller (Cortex®-M0)
handles low-level RF protocol commands that are stored in ROM or RAM, thus ensuring ultra-low power
and flexibility to handle both Sub-1 GHz protocols and 2.4 GHz protocols (for example Bluetooth low
energy). This enables the combination of a Sub-1 GHz communication solution that offers the best
possible RF range together with a Bluetooth low energy smartphone connection that enables great user
experience through a phone application. The Sub-1 GHz only device in this family is the CC1310.
The CC1350 device is a highly integrated, true single-chip solution incorporating a complete RF system
and an on-chip DC/DC converter.
Sensors can be handled in a very low-power manner by a dedicated autonomous ultra-low-power MCU
that can be configured to handle analog and digital sensors; thus the main MCU (Arm® Cortex®-M3) can
maximize sleep time.
The power and clock management and radio systems of the CC1350 device require specific configuration
and handling by software to operate correctly, which has been implemented in the TI-RTOS. TI
recommends using this software framework for all application development on the device. The complete
TI-RTOS and device drivers are offered free of charge in source code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com