Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC1310
Description  CC1350 SimpleLink™ Ultra-Low-Power Dual-Band Wireless MCU
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 35Page - Texas Instruments CC1310 Datasheet HTML 36Page - Texas Instruments CC1310 Datasheet HTML 37Page - Texas Instruments CC1310 Datasheet HTML 38Page - Texas Instruments CC1310 Datasheet HTML 39Page - Texas Instruments CC1310 Datasheet HTML 40Page - Texas Instruments CC1310 Datasheet HTML 41Page - Texas Instruments CC1310 Datasheet HTML 42Page - Texas Instruments CC1310 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
Frequency Offset (MHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-10
0
10
20
30
40
50
60
70
80
D013
Frequency Offset (MHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-10
0
10
20
30
40
50
60
70
80
D014
Frequency Offset (MHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-10
0
10
20
30
40
50
60
70
80
D011
Frequency Offset (MHz)
-10
-8
-6
-4
-2
0
2
4
6
8
10
-10
0
10
20
30
40
50
60
70
80
D012
Voltage (V)
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
5
6
7
8
9
10
11
12
D009
Voltage (V)
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
5
6
7
8
9
10
11
12
D010
39
CC1350
www.ti.com
SWRS183B – JUNE 2016 – REVISED JULY 2018
Submit Documentation Feedback
Product Folder Links: CC1350
Specifications
Copyright © 2016–2018, Texas Instruments Incorporated
Unless otherwise stated, all performance figures represent an average over six typical parts at room temperature and with the
internal DC/DC converter enabled.
Figure 5-19. RX (50 kbps) Current vs Voltage at 868 MHz
Figure 5-20. RX (50 kbps) Current vs Voltage at 915 MHz
Figure 5-21. RX (50 kbps) Selectivity With Wanted Signal at
868 MHz, 3 dB Above Sensitivity Limit
Figure 5-22. RX (50 kbps) Selectivity With Wanted Signal at
915 MHz, 3 dB Above Sensitivity Limit
Figure 5-23. RX (50 kbps) Selectivity With Wanted Signal at
868 MHz, –96 dBm
Figure 5-24. RX (50 kbps) Selectivity With Wanted Signal at
915 MHz, –96 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com