Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 65 Page - Texas Instruments

Part # CC1310
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 65 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 61Page - Texas Instruments CC1310 Datasheet HTML 62Page - Texas Instruments CC1310 Datasheet HTML 63Page - Texas Instruments CC1310 Datasheet HTML 64Page - Texas Instruments CC1310 Datasheet HTML 65Page - Texas Instruments CC1310 Datasheet HTML 66Page - Texas Instruments CC1310 Datasheet HTML 67Page - Texas Instruments CC1310 Datasheet HTML 68Page - Texas Instruments CC1310 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 79 page
background image
10.2 Junction Temperature Calculation
This section shows the different techniques for calculating the junction temperature under various operating
conditions. For more details, see Semiconductor and IC Package Thermal Metrics.
There are three recommended ways to derive the junction temperature from other measured temperatures:
1. From package temperature:
TJ = ψJT × P + Tcase
(1)
2. From board temperature:
TJ = ψJB × P + Tboard
(2)
3. From ambient temperature:
TJ = RθJA × P + TA
(3)
P is the power dissipated from the device and can be calculated by multiplying current consumption with supply
voltage. Thermal resistance coefficients are found in Thermal Resistance Characteristics.
Example:
Using Equation 3, the temperature difference between ambient temperature and junction temperature is
calculated. In this example, we assume a simple use case where the radio is transmitting continuously at
10 dBm output power. Let us assume the ambient temperature is 85 °C and the supply voltage is 3.6 V. To
calculate P, we need to look up the current consumption for Tx at 85 °C in Section 8.22. From the plot, we see
that the current consumption is 14.4 mA. This means that P is 14.4 mA × 3.6 V = 51.8 mW.
The junction temperature is then calculated as:
TJ = 23.4
° C
W
× 51.8 m W + TA = 1.2 ° C + TA
(4)
As can be seen from the example, the junction temperature is 1.2 °C higher than the ambient temperature when
running continuous Tx at 85 °C and, thus, well within the recommended operating conditions.
For various application use cases current consumption for other modules may have to be added to calculate the
appropriate power dissipation. For example, the MCU may be running simultaneously as the radio, peripheral
modules may be enabled, etc. Typically, the easiest way to find the peak current consumption, and thus the peak
power dissipation in the device, is to measure as described in Measuring CC13xx and CC26xx current
consumption.
www.ti.com
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com