Electronic Components Datasheet Search
  English  ▼

X  

CC1310 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC1310
Description  CC1312R SimpleLink™ High-Performance Sub-1 GHz Wireless MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1310 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC1310 Datasheet HTML 8Page - Texas Instruments CC1310 Datasheet HTML 9Page - Texas Instruments CC1310 Datasheet HTML 10Page - Texas Instruments CC1310 Datasheet HTML 11Page - Texas Instruments CC1310 Datasheet HTML 12Page - Texas Instruments CC1310 Datasheet HTML 13Page - Texas Instruments CC1310 Datasheet HTML 14Page - Texas Instruments CC1310 Datasheet HTML 15Page - Texas Instruments CC1310 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
8.5 Power Consumption - Power Modes
When measured on the CC1312REM-XD7793 reference design with Tc = 25 °C, VDDS = 3.6 V with DC/DC enabled unless
otherwise noted.
PARAMETER
TEST CONDITIONS
TYP
UNIT
Core Current Consumption
Icore
Reset and Shutdown
Reset. RESET_N pin asserted or VDDS below power-on-reset
threshold
150
nA
Shutdown. No clocks running, no retention
150
Standby
without cache
retention
RTC running, CPU, 80KB RAM and (partial) register retention.
RCOSC_LF
0.85
µA
RTC running, CPU, 80KB RAM and (partial) register retention
XOSC_LF
0.99
µA
Standby
with cache retention
RTC running, CPU, 80KB RAM and (partial) register retention.
RCOSC_LF
2.78
µA
RTC running, CPU, 80KB RAM and (partial) register retention.
XOSC_LF
2.92
µA
Idle
Supply Systems and RAM powered
RCOSC_HF
590
µA
Active
MCU running CoreMark at 48 MHz
RCOSC_HF
2.89
mA
Peripheral Current Consumption (1), (2)
Iperi
Peripheral power
domain
Delta current with domain enabled
82.3
µA
Serial power domain Delta current with domain enabled
5.5
RF Core
Delta current with power domain enabled,
clock enabled, RF core idle
178.9
µDMA
Delta current with clock enabled, module is idle
53.6
Timers
Delta current with clock enabled, module is idle(5)
67.8
I2C
Delta current with clock enabled, module is idle
8.2
I2S
Delta current with clock enabled, module is idle
21.7
SSI
Delta current with clock enabled, module is idle(4)
69.4
UART
Delta current with clock enabled, module is idle(3)
140.8
CRYPTO (AES)
Delta current with clock enabled, module is idle
21.1
PKA
Delta current with clock enabled, module is idle
71.1
TRNG
Delta current with clock enabled, module is idle
29.7
Sensor Controller Engine Consumption
ISCE
Active mode
24 MHz, infinite loop, VDDS = 3.0 V
808.5
µA
Low-power mode
2 MHz, infinite loop, VDDS = 3.0 V
30.1
(1)
Adds to core current Icore for each peripheral unit activated.
(2)
Iperi is not supported in Standby or Shutdown modes.
(3)
Only one UART running
(4)
Only one SSI running
(5)
Only one GPTimer running
CC1312R
SWRS210H – JANUARY 2018 – REVISED NOVEMBER 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: CC1312R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com