Electronic Components Datasheet Search
  English  ▼

X  

CC2640 Datasheet(PDF) 21 Page - Texas Instruments

Part # CC2640
Description  CC2640 SimpleLink™ Bluetooth® Wireless MCU
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC2640 Datasheet HTML 17Page - Texas Instruments CC2640 Datasheet HTML 18Page - Texas Instruments CC2640 Datasheet HTML 19Page - Texas Instruments CC2640 Datasheet HTML 20Page - Texas Instruments CC2640 Datasheet HTML 21Page - Texas Instruments CC2640 Datasheet HTML 22Page - Texas Instruments CC2640 Datasheet HTML 23Page - Texas Instruments CC2640 Datasheet HTML 24Page - Texas Instruments CC2640 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
21
CC2640
www.ti.com
SWRS176B – FEBRUARY 2015 – REVISED JULY 2016
Submit Documentation Feedback
Product Folder Links: CC2640
Specifications
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
Automatically compensated when using supplied driver libraries.
5.17 Temperature Sensor
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
4
°C
Range
–40
85
°C
Accuracy
±5
°C
Supply voltage coefficient(1)
3.2
°C/V
5.18 Battery Monitor
Measured on the TI CC2650EM-5XD reference design with Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
50
mV
Range
1.8
3.8
V
Accuracy
13
mV
(1)
Additionally, the bias module must be enabled when running in standby mode.
5.19 Continuous Time Comparator
Tc = 25°C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input voltage range
0
VDDS
V
External reference voltage
0
VDDS
V
Internal reference voltage
DCOUPL as reference
1.27
V
Offset
3
mV
Hysteresis
<2
mV
Decision time
Step from –10 mV to 10 mV
0.72
µs
Current consumption when enabled(1)
8.6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com