Electronic Components Datasheet Search
  English  ▼

X  

CC2640 Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2640
Description  CC2640 SimpleLink™ Bluetooth® Wireless MCU
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2640 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2640 Datasheet HTML 8Page - Texas Instruments CC2640 Datasheet HTML 9Page - Texas Instruments CC2640 Datasheet HTML 10Page - Texas Instruments CC2640 Datasheet HTML 11Page - Texas Instruments CC2640 Datasheet HTML 12Page - Texas Instruments CC2640 Datasheet HTML 13Page - Texas Instruments CC2640 Datasheet HTML 14Page - Texas Instruments CC2640 Datasheet HTML 15Page - Texas Instruments CC2640 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 65 page
background image
12
CC2640
SWRS176B – FEBRUARY 2015 – REVISED JULY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2640
Terminal Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
Table 4-3. Signal Descriptions – RSM Package (continued)
NAME
NO.
TYPE
DESCRIPTION
(3)
If internal DC-DC is not used, this pin is supplied internally from the main LDO.
(4)
If internal DC-DC is not used, this pin must be connected to VDDR for supply from the main LDO.
RX_TX
4
RF I/O
Optional bias pin for the RF LNA
VDDR
28
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC-DC. (2)(3)
VDDR_RF
32
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC-DC (2)(4)
VDDS
27
Power
1.8-V to 3.8-V main chip supply(1)
VDDS2
11
Power
1.8-V to 3.8-V GPIO supply(1)
VDDS_DCDC
19
Power
1.8-V to 3.8-V DC-DC supply. Tie to ground for external regulator mode
(1.7-V to 1.95-V operation).
VSS
3, 7, 17, 20,
29
Power
Ground
X32K_Q1
5
Analog I/O
32-kHz crystal oscillator pin 1
X32K_Q2
6
Analog I/O
32-kHz crystal oscillator pin 2
X24M_N
30
Analog I/O
24-MHz crystal oscillator pin 1
X24M_P
31
Analog I/O
24-MHz crystal oscillator pin 2
EGP
Power
Ground – Exposed Ground Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com