Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 28 Page - Texas Instruments

Part # CC1352P
Description  CC2651P3 SimpleLink™ Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC1352P Datasheet HTML 24Page - Texas Instruments CC1352P Datasheet HTML 25Page - Texas Instruments CC1352P Datasheet HTML 26Page - Texas Instruments CC1352P Datasheet HTML 27Page - Texas Instruments CC1352P Datasheet HTML 28Page - Texas Instruments CC1352P Datasheet HTML 29Page - Texas Instruments CC1352P Datasheet HTML 30Page - Texas Instruments CC1352P Datasheet HTML 31Page - Texas Instruments CC1352P Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
8.15.2.1 Digital-to-Analog Converter (DAC) Characteristics (continued)
Tc = 25 °C, VDDS = 3.0 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Offset error
VREF = VDDS= 3.8 V
±0.20
LSB(1)
VREF = VDDS= 3.0 V
±0.25
VREF = VDDS = 1.8 V
±0.45
VREF = DCOUPL, pre-charge ON
±1.55
VREF = DCOUPL, pre-charge OFF
±1.30
VREF = ADCREF
±1.10
Max code output voltage
variation
VREF = VDDS= 3.8 V
±0.60
LSB(1)
VREF = VDDS= 3.0 V
±0.55
VREF = VDDS= 1.8 V
±0.60
VREF = DCOUPL, pre-charge ON
±3.45
VREF = DCOUPL, pre-charge OFF
±2.10
VREF = ADCREF
±1.90
Output voltage range
Load = Low Power Clocked
Comparator
VREF = VDDS = 3.8 V, code 1
0.03
V
VREF = VDDS = 3.8 V, code 255
3.61
VREF = VDDS = 3.0 V, code 1
0.02
VREF = VDDS= 3.0 V, code 255
2.85
VREF = VDDS= 1.8 V, code 1
0.02
VREF = VDDS = 1.8 V, code 255
1.71
VREF = DCOUPL, pre-charge OFF, code 1
0.02
VREF = DCOUPL, pre-charge OFF, code 255
1.20
VREF = DCOUPL, pre-charge ON, code 1
1.27
VREF = DCOUPL, pre-charge ON, code 255
2.46
VREF = ADCREF, code 1
0.02
VREF = ADCREF, code 255
1.42
(1)
1 LSB (VREF 3.8 V/3.0 V/1.8 V/DCOUPL/ADCREF) = 14.10 mV/11.13 mV/6.68 mV/4.67 mV/5.48 mV
(2)
Includes comparator offset
(3)
A load > 20 pF will increases the settling time
(4)
Keysight 34401A Multimeter
CC2651P3
SWRS257 – MARCH 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com