Electronic Components Datasheet Search
  English  ▼

X  

CC1352P Datasheet(PDF) 5 Page - Texas Instruments

Part # CC1352P
Description  CC2651P3 SimpleLink™ Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1352P Datasheet(HTML) 5 Page - Texas Instruments

  CC1352P Datasheet HTML 1Page - Texas Instruments CC1352P Datasheet HTML 2Page - Texas Instruments CC1352P Datasheet HTML 3Page - Texas Instruments CC1352P Datasheet HTML 4Page - Texas Instruments CC1352P Datasheet HTML 5Page - Texas Instruments CC1352P Datasheet HTML 6Page - Texas Instruments CC1352P Datasheet HTML 7Page - Texas Instruments CC1352P Datasheet HTML 8Page - Texas Instruments CC1352P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
6 Device Comparison
Device
RADIO SUPPORT
FLASH
(KB)
RAM +
Cache (KB)
GPIO
PACKAGE SIZE
CC1310
X
X
X
32-128
16-20 + 8
10-30
X
X
X
CC1311R3
X
X
X
352
32 + 8
22-30
X
X
CC1311P3
X
X
X
X
352
32 + 8
26
X
CC1312R
X
X
X
X
352
80 + 8
30
X
CC1312R7
X
X
X
X
X
X
704
144 + 8
30
X
CC1352R
X
X
X
X
X
X
X
X
X
352
80 + 8
28
X
CC1352P
X
X
X
X
X
X
X
X
X
X
352
80 + 8
26
X
CC1352P7
X
X
X
X
X
X
X
X
X
X
X
704
144 + 8
26
X
CC2640R2F
X
128
20 + 8
10-31
X
X
X
CC2642R
X
352
80 + 8
31
X
CC2642R-Q1
X
352
80 + 8
31
X
CC2651R3
X
X
X
352
32 + 8
23-31
X
X
CC2651P3
X
X
X
X
352
32 + 8
22-26
X
X
CC2652R
X
X
X
X
X
352
80 + 8
31
X
CC2652RB
X
X
X
X
X
352
80 + 8
31
X
CC2652R7
X
X
X
X
X
704
144 + 8
31
X
CC2652P
X
X
X
X
X
X
352
80 + 8
26
X
CC2652P7
X
X
X
X
X
X
704
144 + 8
26
X
www.ti.com
CC2651P3
SWRS257 – MARCH 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CC2651P3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com